Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 32 Page - Linear Technology

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT8705 Datasheet HTML 24Page - Linear Technology LT8705 Datasheet HTML 25Page - Linear Technology LT8705 Datasheet HTML 26Page - Linear Technology LT8705 Datasheet HTML 27Page - Linear Technology LT8705 Datasheet HTML 28Page - Linear Technology LT8705 Datasheet HTML 29Page - Linear Technology LT8705 Datasheet HTML 30Page - Linear Technology LT8705 Datasheet HTML 31Page - Linear Technology LT8705 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LT8390
32
8390fa
For more information www.linear.com/LT8390
LINEAR TECHNOLOGY CORPORATION 2016
LT 0917 REV A • PRINTED IN USA
www.linear.com/LT8390
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT8390A
60V 2MHz Synchronous 4-Switch Buck-Boost
Controller with Spread Spectrum
VIN: 4V to 60V, VOUT: 0V to 60V, ±1.5% Voltage Accuracy, ±3% Current
Accuracy, TSSOP-28 and 4mm × 5mm QFN-28
LT8391
60V Synchronous 4-Switch Buck-Boost LED
Controller with Spread Spectrum
VIN: 4V to 60V, VOUT: 0V to 60V, ±3% Current Accuracy, Internal and External
PWM Dimming, TSSOP-28 and 4mm × 5mm QFN-28
LT3790
60V Synchronous 4-Switch Buck-Boost Controller
VIN: 4.7V to 60V, VOUT: 1.2V to 60V, Regulates VOUT, IOUT, IIN, TSSOP-38
LT8705
80V VIN and VOUT Synchronous 4-Switch Buck-Boost
DC/DC Controller
VIN: 2.8V to 80V, VOUT: 1.3V to 80V, Regulates VOUT, IOUT, VIN, IIN,
5mm × 7mm QFN-38 and Modified TSSOP-38 for High Voltage
LTC®3789
High Efficiency Synchronous 4-Switch Buck-Boost
Controller
VIN: 4V to 38V, VOUT: 0.8V to 38V, Regulates VOUT, IOUT or IIN, 5mm × 5mm
QFN-32 and SSOP-24
LTC3780
High Efficiency Synchronous 4-Switch Buck-Boost
Controller
VIN: 4V to 36V, VOUT: 0.8V to 30V, Regulates VOUT, 4mm × 5mm QFN-28 and
SSOP-28
LT3741/LT3741-1 High Power, Constant Current, Constant Voltage,
Step-Down Controller
VIN: 6V to 36V, 4mm × 4mm QFN-20 and TSSOP-20
LT3763
60V High Current Step-Down LED Driver Controller
VIN: 6V to 60V, 4mm × 4mm QFN-20 and TSSOP-20
LT3757/LT3757A
Boost, Flyback, SEPIC and Inverting Controller
VIN: 2.9V to 40V, Positive or Negative VOUT, 3mm × 3mm DFN-10, MSOP-10
LT3758
High Input Voltage, Boost, Flyback, SEPIC and
Inverting Controller
VIN: 5.5V to 100V, Positive or Negative VOUT, 3mm × 3mm DFN-10, MSOP-10
LT8710
Synchronous SEPIC/Inverting/Boost Controller with
Output Current Control
VIN: 4.5V to 80V, Rail-to-Rail Output Current Monitor and Control, TSSOP-28
121k
0.1µF
2.5m
0.1µF
47µF
80V
×2
47µF
80V
×2
4.7µF
100V
×3
10µF
50V
×3
82µF
50V
×4
475k
4.7µF
8390 TA04a
0.47µF
174k
27nF
750k
49.9k
15m
301k
0.1µF
1µF
1µF
2.2µF
10
10
M1
M2
M3
M4
100k
301k
L1
4.7µH
EN/UVLO
VREF
CTRL
PGOOD
BG2
BST2
TG2
INTVCC
LOADEN
FB
VOUT
ISN
ISP
SYNC/SPRD
TEST
250kHz
ISMON
VOUT
VIN
0V TO 48V
LSP
LSN
SW1
SW2
BST1
TG1
BG1
VIN
LT8390
LOADTG
ISMON
SS
VC
RT
GND
INPUT CURRENT CONTROL
0.25V TO 1V FOR 0A TO 5A
6V VIN UVLO
L1: WURTH 7443640470 4.7uH
M1: INFINEON BSC067N06LS3
M2: INFINEON BSC028N06LS3
M3, M4: INFINEON BSC010N04LS
TO 12V BATTERY
FROM SOLAR PANEL
125W (25V 5A) Solar Panel to 12V Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com