Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 16 Page - Linear Technology

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology LT8705 Datasheet HTML 15Page - Linear Technology LT8705 Datasheet HTML 16Page - Linear Technology LT8705 Datasheet HTML 17Page - Linear Technology LT8705 Datasheet HTML 18Page - Linear Technology LT8705 Datasheet HTML 19Page - Linear Technology LT8705 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LT8390
16
8390fa
For more information www.linear.com/LT8390
OPERATION
Main Control Loop
The LT8390 is a fixed frequency current mode controller.
The inductor current is sensed through the inductor sense
resistor between the LSP and LSN pins. The current sense
voltage is gained up by amplifier A1 and added to a slope
compensation ramp signal from the internal oscillator. The
summingsignalisthenfedintothepositiveterminalsofthe
buckcurrentcomparatorA3andboostcurrentcomparator
A4. The negative terminals of A3 and A4 are controlled by
the voltage on the VC pin, which is the diode-OR of error
amplifiers EA1 and EA2.
Depending on the state of the peak-buck peak-boost cur-
rent mode control, either the buck logic or the boost logic
is controlling the four power switches so that either the
FB voltage is regulated to 1V or the current sense voltage
between the ISP and ISN pins is regulated by the CTRL
pin during normal operation. The gains of EA1 and EA2
have been balanced to ensure smooth transition between
constant-voltage and constant-current operation with the
same compensation network.
Light Load Current Operation
At light load, the LT8390 runs either at full switching fre-
quencydiscontinuousconductionmodeorpulse-skipping
mode, where the switches are held off for multiple cycles
(i.e., skipping pulses) to maintain the regulation and
improve the efficiency. Both the buck and boost reverse
current sense thresholds are set to 1mV (typical) so that
no reverse inductor current is allowed. Such no reverse
inductor current from the output to the input is highly
desired in certain applications.
In the buck region, switch B is turned off whenever the
buck reverse current threshold is triggered during (B+D)
phase. In the boost region, switch D is turned off whenever
the boost reverse current threshold is triggered during
(A+D) phase. In the buck-boost region, switch D is turned
off whenever the boost reverse current threshold is trig-
gered during (A+D) phase, and both switches B and D are
turned off whenever the buck reverse current threshold is
triggered during (B+D) phase.
Internal Charge Path
Each of the two top MOSFET drivers is biased from its
floating bootstrap capacitor, which is normally re-charged
by INTVCC through the integrated bootstrap diode D1 or
D2 when the top MOSFET is turned off. When the LT8390
operates exclusively in the buck or boost regions, one
of the top MOSFETs is constantly on. An internal charge
path, from VOUT and BST2 to BST1 or from VIN and BST1
to BST2, charges the bootstrap capacitor to 4.6V so that
the top MOSFET can be kept on.
Shutdown and Power-On-Reset
The LT8390 enters shutdown mode and drains less than
2µA quiescent current when the EN/UVLO pin is below its
shutdown threshold (0.3V minimum). Once the EN/UVLO
pin is above its shutdown threshold (1V maximum), the
LT8390 wakes up startup circuitry, generates bandgap
reference, and powers up the internal INTVCC LDO. The
INTVCC LDO supplies the internal control circuitry and
gate drivers. Now the LT8390 enters undervoltage lockout
(UVLO) mode with a hysteresis current (2.5µA typical)
pulled into the EN/UVLO pin. When the INTVCC pin is
charged above its rising UVLO threshold (3.78V typi-
cal), the EN/UVLO pin passes its rising enable threshold
(1.233V typical), and the junction temperature is less than
its thermal shutdown (165°C typical), the LT8390 enters
enable mode, in which the EN/UVLO hysteresis current is
turned off and the voltage reference VREF is being charged
up from ground. From the time of entering enable mode to
the time of VREF passing its rising UVLO threshold (1.89V
typical), the LT8390 is going through a power-on-reset
(POR), waking up the entire internal control circuitry and
settling to the right initial conditions. After the POR, the
LT8390 is ready and waiting for the signals on the CTRL
and LOADEN pins to start switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com