Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3757
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology LT3757 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LTC3784
11
3784fb
For more information www.linear.com/LTC3784
operaTion
Main Control Loop
The LTC3784 uses a constant-frequency, current mode
step-up architecture with the two controller channels
operating out of phase. During normal operation, each
external bottom MOSFET is turned on when the clock for
that channel sets the RS latch, and is turned off when the
main current comparator, ICMP, resets the RS latch. The
peak inductor current at which ICMP trips and resets the
latch is controlled by the voltage on the ITH pin, which is
the output of the error amplifier EA. The error amplifier
compares the output voltage feedback signal at the VFB
pin (which is generated with an external resistor divider
connected across the output voltage, VOUT, to ground), to
the internal 1.200V reference voltage. In a boost converter,
the required inductor current is determined by the load
current, VIN and VOUT. When the load current increases,
it causes a slight decrease in VFB relative to the reference,
which causes the EA to increase the ITH voltage until the
average inductor current in each channel matches the new
requirement based on the new load current.
After the bottom MOSFET is turned off each cycle, the
top MOSFET is turned on until either the inductor current
starts to reverse, as indicated by the current comparator,
IREV, or the beginning of the next clock cycle.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin.
When the EXTVCC pin is tied to a voltage less than 4.8V,
the VBIAS LDO (low dropout linear regulator) supplies
5.4V from VBIAS to INTVCC. If EXTVCC is taken above
4.8V, the VBIAS LDO is turned off and an EXTVCC LDO is
turned on. Once enabled, the EXTVCC LDO supplies 5.4V
from EXTVCC to INTVCC. Using the EXTVCC pin allows the
INTVCC power to be derived from an external source, thus
removing the power dissipation of the VBIAS LDO.
Shutdown and Start-Up (RUN and SS Pins)
The two internal controllers of the LTC3784 can be shut
down using the RUN pin. Pulling this pin below 1.28V
shuts down the main control loops for both phases. Pull-
ing this pin below 0.7V disables both channels and most
internal circuits, including the INTVCC LDOs. In this state,
the LTC3784 draws only 4μA of quiescent current.
NOTE:Donotapplyaheavyloadforanextendedtimewhile
the chip is in shutdown. The top MOSFETs are turned off
during shutdown and the output load may cause excessive
dissipation in the body diodes.
The RUN pin may be externally pulled up or driven directly
by logic. When driving the RUN pin with a low impedance
source, do not exceed the absolute maximum rating of
8V. The RUN pin has an internal 11V voltage clamp that
allows the RUN pin to be connected through a resistor to
a higher voltage (for example, VIN), as long as the maxi-
mum current into the RUN pin does not exceed 100μA.
An external resistor divider connected to VIN can set the
threshold for converter operation. Once running, a 4.5μA
current is sourced from the RUN pin allowing the user to
program hysteresis using the resistor values.
The start-up of the controller’s output voltage VOUT is
controlled by the voltage on the SS pin. When the voltage
on the SS pin is less than the 1.2V internal reference, the
LTC3784 regulates the VFB voltage to the SS pin voltage
instead of the 1.2V reference. This allows the SS pin to
be used to program a soft-start by connecting an external
capacitor from the SS pin to SGND. An internal 10μA
pull-up current charges this capacitor creating a voltage
ramp on the SS pin. As the SS voltage rises linearly from
0V to 1.2V (and beyond up to INTVCC), the output voltage
rises smoothly to its final value.
Light Load Current Operation—Burst Mode Operation,
Pulse-Skipping or Continuous Conduction
(PLLIN/MODE Pin)
TheLTC3784canbeenabledtoenterhighefficiencyBurst
Mode operation, constant-frequency, pulse-skipping
mode or forced continuous conduction mode at low
load currents. To select Burst Mode operation, tie the
PLLIN/MODE pin to ground (e.g., SGND). To select
forced continuous operation, tie the PLLIN/MODE pin to
INTVCC. To select pulse-skipping mode, tie the PLLIN/
MODE pin to a DC voltage greater than 1.2V and less
than INTVCC – 1.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com