Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 25 Page - Linear Technology

Part # LT3757
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology LT3757 Datasheet HTML 25Page - Linear Technology LT3757 Datasheet HTML 26Page - Linear Technology LT3757 Datasheet HTML 27Page - Linear Technology LT3757 Datasheet HTML 28Page - Linear Technology LT3757 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LTC3784
25
3784fb
For more information www.linear.com/LTC3784
applicaTions inForMaTion
Table 2 summarizes the different states in which the FREQ
pin can be used.
Table 2.
FREQ PIN
PLLIN/MODE PIN
FREQUENCY
0V
DC Voltage
350kHz
INTVCC
DC Voltage
535kHz
Resistor
DC Voltage
50kHz to 900kHz
Any of the Above
External Clock
Phase Locked to
External Clock
Minimum On-Time Considerations
Minimum on-time, tON(MIN), is the smallest time duration
that the LTC3784 is capable of turning on the bottom
MOSFET. It is determined by internal timing delays and
the gate charge required to turn on the top MOSFET. Low
duty cycle applications may approach this minimum on-
time limit.
In forced continuous mode, if the duty cycle falls below
what can be accommodated by the minimum on-time,
the controller will begin to skip cycles but the output will
continuetoberegulated.Morecycleswillbeskippedwhen
VIN increases. Once VIN rises above VOUT, the loop keeps
the top MOSFET continuously on. The minimum on-time
for the LTC3784 is approximately 110ns.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the greatest improvement. Percent efficiency
can be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc., are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, five main sources usually account for most of the
losses in LTC3784 circuits: 1) IC VBIAS current, 2) INTVCC
regulatorcurrent,3)I2Rlosses,4)bottomMOSFETtransi-
tion losses, 5) body diode conduction losses.
1. The VBIAS current is the DC supply current given in the
ElectricalCharacteristicstable,whichexcludesMOSFET
driver and control currents. VBIAS current typically
results in a small (<0.1%) loss.
2. INTVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results
from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge, dQ, moves
from INTVCC to ground. The resulting dQ/dt is a current
out of INTVCC that is typically much larger than the
control circuit current. In continuous mode, IGATECHG
= f(QT + QB), where QT and QB are the gate charges of
the topside and bottom side MOSFETs.
3. DC I2R losses. These arise from the resistances of the
MOSFETs,sensingresistor,inductorandPCboardtraces
and cause the efficiency to drop at high output currents.
4. Transition losses apply only to the bottom MOSFET(s),
and become significant only when operating at low
input voltages. Transition losses can be estimated from:
Transition Loss
=(1.7)
VOUT3
VIN
•
IOUT(MAX)
2
•CRSS • f
5. Body diode conduction losses are more significant at
higher switching frequency. During the dead time, the loss
in the top MOSFETs is IOUT • VDS, where VDS is around
0.7V. At higher switching frequency, the dead time be-
comes a good percentage of switching cycle and causes
the efficiency to drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com