Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 32 Page - Linear Technology

Part # LT3757
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT3757 Datasheet HTML 28Page - Linear Technology LT3757 Datasheet HTML 29Page - Linear Technology LT3757 Datasheet HTML 30Page - Linear Technology LT3757 Datasheet HTML 31Page - Linear Technology LT3757 Datasheet HTML 32Page - Linear Technology LT3757 Datasheet HTML 33Page - Linear Technology LT3757 Datasheet HTML 34Page - Linear Technology LT3757 Datasheet HTML 35Page - Linear Technology LT3757 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTC3784
32
3784fb
For more information www.linear.com/LTC3784
Typical applicaTions
Figure 13. High Efficiency 2-Phase 48V Boost Converter
MBOT2
MTOP2
SENSE1+
SENSE1–
SENSE2+
SENSE2–
VFB
ITH
SGND
EXTVCC
RUN
FREQ
SS
PLLIN/MODE
OVMODE
INTVCC
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB1, 0.1µF
COUTA1
6.8µF
× 4
CB2, 0.1µF
CINT
4.7µF
RB
475k
LTC3784
L2
16µH
L1
16µH
MTOP1
MBOT1
100k
3784 F13
INTVCC
RSENSE1
8m
CSS, 0.1µF
RA, 12.1k
CITHA, 220pF
RITH, 23.7k
CITH, 10nF
RSENSE2
8m
D1
D2
ILIM
PHASMD
CLKOUT
+
COUTB1
220µF
COUTA2
6.8µF
× 4
+
COUTB2
220µF
CIN
6.8µF
× 4
VIN
5V TO 48V
VOUT
48V
4A
CIN, COUTA1, COUTA2: TDK C4532X7RIH685K
COUTB1, COUTB2: SANYO, 63CE220K
L1, L2: PULSE PA2050.163NL
MBOT1, MBOT2, MTOP1, MTOP2: RENESAS RJK0652DPB
D1, D2: BAS170W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com