Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3757
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 5 Page - Linear Technology

  LT3757 Datasheet HTML 1Page - Linear Technology LT3757 Datasheet HTML 2Page - Linear Technology LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LTC3784
5
3784fb
For more information www.linear.com/LTC3784
Typical perForMance characTerisTics
Load Step
Burst Mode Operation
Load Step
Forced Continuous Mode
Load Step
Pulse-Skipping Mode
Efficiency and Power Loss
vs Output Current
Efficiency and Power Loss
vs Output Current
Efficiency vs Load Current
Inductor Currents at Light Load
Soft Start-Up
Regulated Feedback Voltage
vs Temperature
OUTPUT CURRENT (A)
40
50
60
70
80
10
3784 G01
30
20
10
0
90
100
10
100
1000
1
0.1
10000
0.01
0.1
1
BURST EFFICIENCY
PULSE-SKIPPING
EFFICIENCY
FORCED CONTINUOUS
MODE EFFICIENCY
BURST LOSS
PULSE-SKIPPING
LOSS
FORCED CONTINUOUS
MODE LOSS
VIN = 12V
VOUT = 24V
FIGURE 10 CIRCUIT
OUTPUT CURRENT (A)
40
50
60
70
80
3784 G02
30
20
10
0
90
100
10
100
1000
1
0.1
10000
0.01
0.1
1
10
BURST EFFICIENCY
BURST LOSS
VIN = 12V
VOUT = 24V
Burst Mode OPERATION
FIGURE 10 CIRCUIT
0.0001 0.001
0.00001
INPUT VOLTAGE (V)
0
90
92
94
96
5
10
15
20
98
100
91
93
95
97
99
25
3784 G03
VOUT = 12V
VIN = 12V
ILOAD = 2A
FIGURE 10 CIRCUIT
VOUT = 24V
VOUT
500mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD STEP
5A/DIV
VIN = 12V
VOUT = 24V
LOAD STEP FROM 100mA TO 5A
FIGURE 10 CIRCUIT
200µs/DIV
3784 G04
VOUT
500mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD STEP
5A/DIV
VIN = 12V
VOUT = 24V
LOAD STEP FROM 100mA TO 5A
FIGURE 10 CIRCUIT
200µs/DIV
3784 G05
VOUT
500mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD STEP
5A/DIV
VIN = 12V
VOUT = 24V
LOAD STEP FROM 100mA TO 5A
FIGURE 10 CIRCUIT
200µs/DIV
3784 G06
PULSE-
SKIPPING
MODE
Burst Mode
OPERATION
5A/DIV
FORCED
CONTINUOUS
MODE
VIN = 12V
VOUT = 24V
ILOAD = 200µA
FIGURE 10 CIRCUIT
5µs/DIV
3784 G07
0V
VOUT
5V/DIV
VIN = 12V
VOUT = 24V
FIGURE 10 CIRCUIT
2ms/DIV
3784 G08
TEMPERATURE (°C)
–60
1.209
15
3784 G09
1.200
1.194
–35 –10
40
1.191
1.188
1.212
1.206
1.203
1.197
65 90
140
115
TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com