Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 33 Page - Linear Technology

Part # LT3757
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 33 Page - Linear Technology

Back Button LT3757 Datasheet HTML 29Page - Linear Technology LT3757 Datasheet HTML 30Page - Linear Technology LT3757 Datasheet HTML 31Page - Linear Technology LT3757 Datasheet HTML 32Page - Linear Technology LT3757 Datasheet HTML 33Page - Linear Technology LT3757 Datasheet HTML 34Page - Linear Technology LT3757 Datasheet HTML 35Page - Linear Technology LT3757 Datasheet HTML 36Page - Linear Technology LT3757 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LTC3784
33
3784fb
For more information www.linear.com/LTC3784
Figure 14. High Efficiency 2-Phase 24V Boost Converter with Inductor DCR Current Sensing
Typical applicaTions
MBOT2
MTOP2
SENSE1+
SENSE1–
SENSE2–
SENSE2+
VFB
ITH
SGND
EXTVCC
RUN
FREQ
SS
PLLIN/MODE
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB1, 0.1µF
COUTA1
6.8µF
× 4
CB2, 0.1µF
CINT
4.7µF
RS
232k
1%
LTC3784
L2
10.2µH
L1
10.2µH
MTOP1
MBOT1
100k
3784 F14
INTVCC
INTVCC
CSS, 0.1µF
RA
12.1k, 1%
CITHA, 220pF
RITH, 8.87k, 1%
CITH, 15nF
D1
D3
D2
RFREQ, 41.2k
ILIM
PHASMD
CLKOUT
OVMODE
+
COUTB1
220µF
C2
0.1µF
COUTA2
6.8µF
× 4
+
COUTB2
220µF
CINA
22µF
× 4
VIN
5V TO 24V
VOUT
24V
8A
C4
0.1µF
C3
0.1µF
C1
0.1µF
+
CINB
220µF
COUTA1, COUTA2: C4532x7R1H685K
COUTB1, COUTB2: SANYO 63CE220KX
CINA: TDK C4532X5R1E226M
CINB: SANYO 50CE220AX
L1, L2: SER2918H-103
MBOT1, MBOT2, MTOP1, MTOP2: RENESAS RJK0305
D1, D2: BAS140W
D3, D4: DIODES INC. B340B
D4
RS4
53.6k
1%
RS3
26.1k
1%
RS1
26.1k
1%
RS2
53.6k
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com