Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3757
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology LT3757 Datasheet HTML 15Page - Linear Technology LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LTC3784
16
3784fb
For more information www.linear.com/LTC3784
applicaTions inForMaTion
Sense Resistor Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure 2a. RSENSE is chosen based on the required
output current.
The current comparator has a maximum threshold
VSENSE(MAX). When the ILIM pin is grounded, floating or
tied to INTVCC, the maximum threshold is set to 50mV,
75mV or 100mV, respectively. The current comparator
threshold sets the peak of the inductor current, yielding
a maximum average inductor current, IMAX, equal to the
peak value less half the peak-to-peak ripple current, ΔIL.
To calculate the sense resistor value, use the equation:
RSENSE =
VSENSE(MAX)
IMAX +
ΔIL
2
The actual value of IMAX for each channel depends on the
required output current IOUT(MAX) and can be calculated
using:
IMAX =
IOUT(MAX)
2
⎛
⎝⎜
⎞
⎠⎟
•
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
When using the controller in low VIN and very high voltage
output applications, the maximum inductor current and
correspondingly the maximum output current level will
be reduced due to the internal compensation required to
meet stability criterion for boost regulators operating at
greater than 50% duty factor. A curve is provided in the
Typical Performance Characteristics section to estimate
this reduction in peak inductor current level depending
upon the operating duty factor.
Inductor DCR Sensing
For applications requiring the highest possible efficiency
at high load currents, the LTC3784 is capable of sensing
the voltage drop across the inductor DCR, as shown in
Figure 2b. The DCR of the inductor can be less than 1mΩ
for high current inductors. In a high current application
requiring such an inductor, conduction loss through a
sense resistor could reduce the efficiency by a few percent
compared to DCR sensing.
If the external R1||R2 • C1 time constant is chosen to be
exactly equal to the L/DCR time constant, the voltage drop
across the external capacitor is equal to the drop across
theinductorDCRmultipliedbyR2/(R1+R2).R2scalesthe
voltage across the sense terminals for applications where
the DCR is greater than the target sense resistor value.
To properly dimension the external filter components, the
DCR of the inductor must be known. It can be measured
using a good RLC meter, but the DCR tolerance is not
always the same and varies with temperature. Consult
the manufacturers’ data sheets for detailed information.
Using the inductor ripple current value from the induct-
or value calculation section, the target sense resistor
value is:
RSENSE(EQUIV) =
VSENSE(MAX)
IMAX +
ΔIL
2
To ensure that the application will deliver full load current
over the full operating temperature range, choose the
minimum value for the maximum current sense threshold
(VSENSE(MAX)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com