Electronic Components Datasheet Search
  English  ▼

X  

LTC3822 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3822 Datasheet HTML 13Page - Linear Technology LTC3822 Datasheet HTML 14Page - Linear Technology LTC3822 Datasheet HTML 15Page - Linear Technology LTC3822 Datasheet HTML 16Page - Linear Technology LTC3822 Datasheet HTML 17Page - Linear Technology LTC3822 Datasheet HTML 18Page - Linear Technology LTC3822 Datasheet HTML 19Page - Linear Technology LTC3822 Datasheet HTML 20Page - Linear Technology LTC3822 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC3852
17
3852f
APPLICATIONS INFORMATION
The peak-to-peak drive levels are set by the VPUMP voltage.
This voltage is typically 5V when the charge pump is active.
Consequently, logic-level threshold MOSFETs may be used
in most applications.
Selection criteria for the power MOSFETs include the on-
resistance, RDS(ON), Miller capacitance, CMILLER, input
voltage and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode, the duty cycles for the top
and bottom MOSFETs are given by:
Main Switch Duty Cycle =
V
OUT
V
IN
Synchronous Switch Duty Cycle =
V
IN –VOUT
V
IN
The MOSFET power dissipations at maximum output
current are given by:
P
MAIN =
V
OUT
V
IN
I
MAX
()2 1+δ
()R
DS(ON) +
V
IN
()2
I
MAX
2
⎛
⎝⎜
⎞
⎠⎟
R
DR
() C
MILLER
()•
1
V
INTVCC –VTH(MIN)
+
1
V
TH(MIN)
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
(f)
P
SYNC =
V
IN –VOUT
V
IN
I
MAX
()2 1+δ
()R
DS(ON)
where
d is the temperature dependency of RDS(ON) and
RDR (approximately 2
W) is the effective driver resistance
at the MOSFET’s Miller threshold voltage. VTH(MIN) is the
typical MOSFET minimum threshold voltage.
Both MOSFETs have I2R losses while the topside N-channel
equation includes an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V,
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V, the transition losses rapidly
increase to the point that the use of a higher RDS(ON) device
with lower CMILLER actually provides higher efficiency. The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
short-circuit when the synchronous switch is on close to
100% of the period.
The term (1 +
d) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
d = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
The optional Schottky diode conducts during the dead time
between the conduction of the two power MOSFETs. This
preventsthebodydiodeofthebottomMOSFETfromturning
on, storing charge during the dead time and requiring a
reverse recovery period that could cost as much as 2%
in efficiency at high VIN. A 1A to 3A Schottky is generally
a good size due to the relatively small average current.
Larger diodes result in additional transition losses due to
their larger junction capacitance.
Soft-Start and Tracking
The LTC3852 has the ability to either soft-start by itself
with a capacitor or track the output of another channel
or external supply. When the LTC3852 is configured to
soft-start by itself, a capacitor should be connected to
the TRACK/SS pin. The LTC3852 is in the shutdown state
if the RUN pin voltage is below 1.25V. TRACK/SS pin is
actively pulled to ground in this shutdown state.
OncetheRUNpinvoltageisabove1.25V,theLTC3852powers
up. A soft-start current of 1μA then starts to charge its soft-
start capacitor. Note that soft-start or tracking is achieved
not by limiting the maximum output current of the controller
but by controlling the output ramp voltage according to the
ramp rate on the TRACK/SS pin. Current foldback is disabled
duringthisphasetoensuresmoothsoft-startortracking.The
soft-start or tracking range is 0V to 0.8V on the TRACK/SS
pin. The total soft-start time can be calculated as:
t
SOFT-START = 0.8 •
C
SS
1.0µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com