Electronic Components Datasheet Search
  English  ▼

X  

LTC3822 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3822 Datasheet HTML 20Page - Linear Technology LTC3822 Datasheet HTML 21Page - Linear Technology LTC3822 Datasheet HTML 22Page - Linear Technology LTC3822 Datasheet HTML 23Page - Linear Technology LTC3822 Datasheet HTML 24Page - Linear Technology LTC3822 Datasheet HTML 25Page - Linear Technology LTC3822 Datasheet HTML 26Page - Linear Technology LTC3822 Datasheet HTML 27Page - Linear Technology LTC3822 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC3852
24
3852f
Further input noise reduction can be achieved by powering
VIN1 through a very small series inductor as shown in
Figure 12. A 10nH inductor will reject the fast current
notches, thereby presenting a nearly constant current
load to the input power supply. For economy, the 10nH
inductor can be fabricated on the PC board with about
1cm (0.4") of PC board trace.
APPLICATIONS INFORMATION
LTC3852
0.22μF
2.2μF
VIN1
GND1
1cm OF PCB TRACE
10nH
VIN
11
12
3852 F12
Flying Capacitor Selection
Warning: A polarized capacitor such as tantalum or
aluminum should never be used for the flying capacitor
since its voltage can reverse upon start-up of the
charge pump. Low ESR ceramic capacitors should always
be used for the flying capacitor.
The flying capacitor controls the strength of the charge
pump. In order to achieve the rated output current, it is
necessary to have at least 1μF of capacitance for the flying
capacitor.
Ceramic Capacitors
Ceramic capacitors of different materials lose their capac-
itance with higher temperature and voltage at different rates.
For example, a capacitor made of X5R or X7R material
will retain most of its capacitance from –40°C to 85°C
whereas a Z5U or Y5V style capacitor will lose considerable
capacitance over that range. Z5U and Y5V capacitors
may also have a poor voltage coefficient causing them
to lose 60% or more of their capacitance when the rated
voltage is applied. Therefore when comparing different
capacitors, it is often more appropriate to compare the
amount of achievable capacitance for a given case size
rather than discussing the specified capacitance value. For
example, over rated voltage and temperature conditions,
a 1μF 10V Y5V ceramic capacitor in a 0603 case may not
Figure 12. 10nH Inductor Used for
Additional Input Noise Reduction
provide any more capacitance than a 0.22μF 10V X7R
capacitor available in the same 0603 case. In fact, for the
charge pump, these capacitors can be considered roughly
equivalent. The capacitor manufacturer’s data sheet should
be consulted to ensure the desired capacitance at all temp-
eratures and voltages.
Table 1 shows a list of ceramic capacitor manufacturers
and how to contact them:
Table 1.
AVX
www.avx.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
TDK
www.component.tdk.com
Vishay
www.vishay.com
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100. It
is often useful to analyze the individual loss components
to determine what limits the efficiency and which change
would produce the biggest improvement. The efficiency
can be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, there are five main sources of power loss in
LTC3851 circuits: 1) I2R losses, 2) transition losses in the
top MOSFET, 3) gate charge losses within the controller
due to the input capacitance of the power MOSFETs,
4) the DC bias current of the controller (VIN2), and 5) the
efficiency of the charge pump.
1. I2R losses are predicted from the DC resistances of the
fuse (if used), top and bottom MOSFET on-resistances,
the inductor DCR and the current sense resistor (if used).
In continuous conduction mode (CCM), the average
output current flows through the inductor (L) and sense
resistor (RSENSE), but is “chopped” between the top
and bottom MOSFETs. Since the two MOSFETs rarely
have the same RON, an effective MOSFET resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com