Electronic Components Datasheet Search
  English  ▼

X  

LTC3822 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3822 Datasheet HTML 24Page - Linear Technology LTC3822 Datasheet HTML 25Page - Linear Technology LTC3822 Datasheet HTML 26Page - Linear Technology LTC3822 Datasheet HTML 27Page - Linear Technology LTC3822 Datasheet HTML 28Page - Linear Technology LTC3822 Datasheet HTML 29Page - Linear Technology LTC3822 Datasheet HTML 30Page - Linear Technology LTC3822 Datasheet HTML 31Page - Linear Technology LTC3822 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC3852
32
3852f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
”LINEAR TECHNOLOGY CORPORATION 2010
LT 1010 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3736/LTC3736-1/
LTC3736-2
Dual, 2-Phase Synchronous Step-Down Controller
2.75V ≤ VIN ≤ 9.8V, No RSENSE™
LTC3772/LTC3772B
Micropower, No RSENSE Constant Frequency Step-Down
DC/DC Controller
2.75V ≤ VIN ≤ 9.8V, No RSENSE, 40μA No-Load IQ
LTC3776
Dual 2-Phase, No RSENSE Synchronous Controller for DDR/
QDR Memory Termination
2.75V ≤ VIN ≤ 9.8V, VOUT2 Tracks 1/2 VREF
LT3808
No RSENSE, Low EMI, Synchronous DC/DC Controller with
Output Tracking
2.75V ≤ VIN ≤ 9.8V, Spread Spectrum Modulation for Low Noise
LTC3809/LTC3809-1
No RSENSE, Low Input Voltage, Synchronous DC/DC
Controller
2.75V ≤ VIN ≤ 9.8V, Output Tracking (LTC3809-1) or Spread
Spectrum Modulation
LTC3822/LTC3822-1
Low Input Voltage Synchronous Step-Down Controller
2.75V ≤ VIN ≤ 4.5V, No RSENSE
LTC3836
Dual, Low Input Voltage Synchronous Step-Down Controller
2.75V ≤ VIN ≤ 4.5V, No RSENSE
TYPICAL APPLICATIONS
Figure 18. 1.2V/20A Low Ripple DCR Sense Application
C8
1nF
1
2
3
JP1
RUN
R9
12.1k
C5
0.1μF
2.2μF
10V
0603
C1
R5
95.3k
1%
R16
100k
R17
100k
C9
100pF
C11
0.1μF
VIN
INTVCC
PGOOD
ON
OFF
VIN
2.7V TO 5.5V
CIN1
220μF
6.3V
2
L1
0.36μH
CIN5
10μF
16V
1206
COUT1
100μF
6.3V
5
COUT3
470μF/4V
2
VOUT
1.2V/20A
Q1
D1
Q3
C15
4.7μF
10V
C6
0.1μF
C12
0.1μF
+
GND
R8
2.1k
R20
20k
1%
R19
40.2k
1%
GND1
GND2
FB
BG
BOOST
SW
TG
INTVCC
VIN2
VIN1
VPUMP
SENSE–
SENSE+
C–
C+
MODE/
PLLIN
FREQ/PLLFLTR
RUN
TRACK/SS
PGOOD
SHDN
ITH
GND
LTC3852EUDD
3852 F17
CIN1: SANYO 6TPE220MI
COUT1: AVX 12106D107MAT2A
COUT3: SANYO 4TPF470ML
D1: CENTRAL SEMI CMDSH-3
L1: VISHAY IHLP4040DZ-01
Q1, Q3: VISHAY SILICONIX SiR438DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com