Electronic Components Datasheet Search
  English  ▼

X  

LTC3822 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3822 Datasheet HTML 19Page - Linear Technology LTC3822 Datasheet HTML 20Page - Linear Technology LTC3822 Datasheet HTML 21Page - Linear Technology LTC3822 Datasheet HTML 22Page - Linear Technology LTC3822 Datasheet HTML 23Page - Linear Technology LTC3822 Datasheet HTML 24Page - Linear Technology LTC3822 Datasheet HTML 25Page - Linear Technology LTC3822 Datasheet HTML 26Page - Linear Technology LTC3822 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC3852
23
3852f
Effective Open Loop Output Resistance (ROL)
The effective open loop output resistance (ROL) of a charge
pump is a very important parameter which determines the
strength of the charge pump. The value of this parameter
depends on many factors such as the oscillator frequency
(fOSC), value of the flying capacitor (CFLY), the nonoverlap
time, the internal switch resistances (RS), and the ESR of
the external capacitors. A first order approximation for
ROL is given below:
R
OL ≅ 2RS
∑ +
1
f
OSC •CFLY
Typical ROL values as a function of temperature are shown
in Figure 11.
APPLICATIONS INFORMATION
S=1 TO 4
Charge Pump Capacitor Selection
The style and value of capacitors used with the charge
pump determine several important parameters such as
regulator control loop stability, output ripple, charge pump
strength and minimum start-up time.
To reduce noise and ripple, it is recommended that low
ESR (<0.1
W) ceramic capacitors be used for both CIN
and CPUMP. These capacitors should be 2.2μF or greater.
Tantalum and aluminum capacitors are not recommended
because of their high ESR.
The value of CPUMP directly controls the amount of
output ripple for a given load current. Increasing the size
of CPUMP will reduce the output ripple at the expense of
3852 F11
TEMPERATURE ( C)
100
050
VIN = 2.7V
VPUMP = 4.5V
–50
8
7
6
5
4
Figure 11. Typical ROL vs Temperature
higher minimum turn-on time. The peak-to-peak output
ripple of a charge pump is approximately given by the
expression:
V
RIPPLE(P
−P) ≅
I
PUMP
2f
OSC •CPUMP
where fOSCisthechargepumpfrequency(typically1.2MHz)
and CPUMP is the value of the VPUMP storage capacitor.
Also, the value and style of the CPUMP capacitor can
significantly affect the stability of the charge pump. As
shown in the Functional Diagram, the charge pump
uses a linear control loop to adjust the strength of the
charge pump to match the current required at the output.
The error signal of this loop is stored directly on the
output storage capacitor. This output capacitor also
serves to form the dominant pole of the control loop.
To prevent ringing or instability on the charge pump,
it is important to maintain at least 1μF of capacitance over
all conditions.
Excessive ESR on the CPUMP capacitor can degrade the
loop stability of the charge pump. Its closed loop output
resistance is designed to be 0.5
W.Fora50mAloadcurrent
change, the output voltage will change by about 25mV. If
the output capacitor has 0.5
W or more of ESR, the closed
loop frequency response will cease to roll off in a simple
one-pole fashion and poor load transient response or
instability could result. Ceramic capacitors typically have
exceptional ESR performance and combined with a good
board layout should yield very good stability and load
transient performance.
As the value of CPUMP controls the amount of output ripple,
the value of CIN controls the amount of ripple present at
the input pin (VIN1). The input current to the charge pump
will be relatively constant during the input charging phase
or the output charging phase but will drop to zero during
the nonoverlap times. Since the nonoverlap time is small
(~25ns), these missing notches will result in only a small
perturbation on the input power supply line. Note that a
higher ESR capacitor such as tantalum will have higher
input noise due to the voltage drop in the ESR. Therefore,
ceramic capacitors are again recommended for their
exceptional ESR performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com