Electronic Components Datasheet Search
  English  ▼

X  

LTC3822 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3822 Datasheet HTML 24Page - Linear Technology LTC3822 Datasheet HTML 25Page - Linear Technology LTC3822 Datasheet HTML 26Page - Linear Technology LTC3822 Datasheet HTML 27Page - Linear Technology LTC3822 Datasheet HTML 28Page - Linear Technology LTC3822 Datasheet HTML 29Page - Linear Technology LTC3822 Datasheet HTML 30Page - Linear Technology LTC3822 Datasheet HTML 31Page - Linear Technology LTC3822 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC3852
30
3852f
TYPICAL APPLICATIONS
VIN = 7V
VOUT = 5V
INTVCC
5V
2V/DIV
10ms
3852 F17a
INTVCC During Line Transient
(VIN1 < 5V)
C8
2200pF
R9
3.6k
C5
0.1μF
2.2μF
10V
0603
C1
R5
82.5k
1%
R16
100k
C9
150pF
C11
0.1μF
INTVCC
PGOOD
VIN
4V TO 36V
CIN1
56μF
50V
L1
3.6μH
CIN5
3.3μF
×4
50V
C1
4.7μF
10V
COUT1
47μF
10V
COUT2
220μF
6.3V
VOUT
5V/10A
(VIN > 5V)
Q1
Q2
2N3904
D1
D3
BAT85
Q3
C15
4.7μF
10V
C6
0.1μF
C12
1000pF
RS1
0.003Ω
1%
+
GND
R11
100Ω
R1
1k
D2
4.7V
R20
42.2k
1%
R19
8.06k
1%
R12
100Ω
GND1
GND2
FB
BG
BOOST
SW
TG
INTVCC
VIN2
VIN1
VPUMP
SENSE–
SENSE+
C–
C+
MODE/
PLLIN
FREQ/
PLLFLTR
RUN
TRACK/SS
PGOOD
SHDN
ITH
GND
3V
0V
LTC3852
3852 F18
ON
OFF
CIN1: SUNCON 50HVP56M
CIN5: TDK C3225X7R1H335
COUT1: TDK C3225X5ROJ476
COUT2: SANYO 6TPE220MI
D1: CENTRAL SEMI CMDSH-3
L1: COILTRONICS HC1-3R6-R
Q1: RENESAS RJK0451DPB
Q3: RENESAS RJKO453DPB
JP2
MODE
1
2
3
4
INTVCC
100k
CCM
BURST
PS
Figure 17. 5V/10A Converter Providing 5V Drive to MOSFETs for 4V < VIN < 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com