Electronic Components Datasheet Search
  English  ▼

X  

LTC3822 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3822 Datasheet HTML 23Page - Linear Technology LTC3822 Datasheet HTML 24Page - Linear Technology LTC3822 Datasheet HTML 25Page - Linear Technology LTC3822 Datasheet HTML 26Page - Linear Technology LTC3822 Datasheet HTML 27Page - Linear Technology LTC3822 Datasheet HTML 28Page - Linear Technology LTC3822 Datasheet HTML 29Page - Linear Technology LTC3822 Datasheet HTML 30Page - Linear Technology LTC3822 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTC3852
27
3852f
LTC3852
CS
CC1
CC2
CFF
CINTVCC
CFLY
RB
RS1
CSS
CFLTR
RFREQ
RPGOOD
VPULL-UP
RC
RA
COUT1
CIN2
COUT2
CB
DB
RSENSE
D1
M2
M1
+
–
L1
VIN
–
+
VOUT
3852 F13
PGOOD
FREQ/PLLFLTR
MODE/PLLIN
RUN
SHDN
TRACK/SS
ITH
VFB
SENSE–
SENSE+
SW
TG
BOOST
VIN2
VIN1
INTVCC
VPUMP
BG
GND1, 2
C–
C+
RS2
+
ON
OFF
Figure 13. LTC3852 Switching Regulator Layout Diagram
APPLICATIONS INFORMATION
ground. The 47pF to 100pF capacitor should be as
close as possible to the LTC3852. Be careful locating
the feedback resistors too far away from the LTC3852.
The VFB line should not be routed close to any other
nodes with high slew rates.
3. Are the SENSE– and SENSE+ leads routed together
with minimum PC trace spacing? The filter capacitor
between SENSE+ and SENSE– should be as close as
possible to the LTC3852. Ensure accurate current
sensing with Kelvin connections as shown in Figure 14.
Series resistance can be added to the SENSE lines to
increase noise rejection and to compensate for the ESL
of RSENSE.
4. Does the (+) terminal of CIN connect to the drain of
the topside MOSFET(s) as closely as possible? This
capacitor provides the AC current to the MOSFET(s).
5. Is the INTVCC ceramic decoupling capacitor connected
closely between INTVCC and GND2? This capacitor
carries the MOSFET driver peak currents.
6. Keep the switching node (SW), top gate node (TG) and
boost node (BOOST) away from sensitive small-signal
SENSE+ SENSE–
HIGH CURRENT PATH
3852 F14
CURRENT SENSE
RESISTOR
(RSENSE)
nodes, especially from the voltage and current sensing
feedback pins. All of these nodes have very large and
fast moving signals and therefore should be kept on
the “output side” of the LTC3852 and occupy minimum
PC trace area.
Figure 14. Kelvin Sensing RSENSE
Layout Considerations (Charge Pump)
Due to the high switching frequency and high transient
currents produced by the charge pump, careful board layout
is necessary for optimum performance. A true ground
plane and short connections to all the external capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com