Electronic Components Datasheet Search
  English  ▼

X  

LTC3883 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3883
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 4Page - Linear Technology LTC3883 Datasheet HTML 5Page - Linear Technology LTC3883 Datasheet HTML 6Page - Linear Technology LTC3883 Datasheet HTML 7Page - Linear Technology LTC3883 Datasheet HTML 8Page - Linear Technology LTC3883 Datasheet HTML 9Page - Linear Technology LTC3883 Datasheet HTML 10Page - Linear Technology LTC3883 Datasheet HTML 11Page - Linear Technology LTC3883 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC3870
8
3870fb
For more information www.linear.com/LTC3870
block DiagraM
11
12
18
10
1
4
26
29
28
10µA
SYNC
PHASMD
EXTVCC
INTVCC
INTVCC
IREV
ICMP
INTVCC
ITH0
ILIM
ISENSE0+
ISENSE0–
CB
DB
CVCC
BOOST0
M1
L
ON
3K
REV
UVLO
FCNT
RUN
FAULTB
M2
SGND
1.7V
RUN0
MODE0
FAULT0
TG0
SW0
BG0
PGND
VIN
VIN
VOUT0
COUT0
CIN
4.8V
FREQ
CC
RC
24
21
27
20
17
22
23
19
2
3
SYNC
DET
PHASE
PROGRAM
OSC
PFD
VCO
UVLO
SLOPE
COMPENSATION
ILIM RANGE SELECT
HI: 1:1
LO: 1:1.5
SWITCH
LOGIC
AND
ANTI-
SHOOT-
THROUGH
S
R
Q
5.0V
LDO
EN
5.0V
LDO
EN
+
+
REF
–
+
3870 BD
1
71.1k
(CH0 Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com