Electronic Components Datasheet Search
  English  ▼

X  

LTC3883 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3883
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 8Page - Linear Technology LTC3883 Datasheet HTML 9Page - Linear Technology LTC3883 Datasheet HTML 10Page - Linear Technology LTC3883 Datasheet HTML 11Page - Linear Technology LTC3883 Datasheet HTML 12Page - Linear Technology LTC3883 Datasheet HTML 13Page - Linear Technology LTC3883 Datasheet HTML 14Page - Linear Technology LTC3883 Datasheet HTML 15Page - Linear Technology LTC3883 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTC3870
12
3870fb
For more information www.linear.com/LTC3870
TheTypicalApplicationonthefirstpageofthisdatasheetis
a basic LTC3870 application circuit featuring the LTC3880
as a slave controller. In paralleled operation, the current
sensing scheme as well as the power stage parameters
in LTC3870 must be the same as the master controller to
achieve balanced current sharing between masters and
slaves. Finally, input and output capacitors are selected
based on RMS current rating, ripple, and transient specs.
Current Limit Programming
To match the master controller current limit, each chan-
nel of LTC3870 can be programmed separately with two
current ranges. The ILIM pin of LTC3870 is a 4-level logic
input which sets the current limit of LTC3870. When ILIM
is grounded, both channel0 and channel1 are set to be low
current range. When ILIM is tied to INTVCC, both channel0
and channel1 are set to be high current range. Here, low
current range means the current sense threshold linearly
increases from 0mV to 50mV as ITH voltage is increased
from 0.5V to 2.22V without slope compensation. High cur-
rent range means the current sense threshold increases to
75mV as ITH voltage is increased to 2.22V without slope
compensation. Set ILIM to one-third INTVCC for channel0
high current range and channel1 low current range. Set
ILIM to two-thirds INTVCC or float for channel0 low current
range and channel1 high current range. The summary of
ILIM pin setups is shown in Table 2. For balanced load
current sharing, use the same current range setting as
in the master controller. Note that the LTC3870 does not
have active clamping circuit on ITH pin for peak current
limit and over current protection. Over current protection
relies on the master controller to drive and clamp the ITH
pinvoltagenottoexceedtheprogrammedvoltagethrough
the PMBus command.
Table 2.
ILIM
Channel 0
Current limit
Channel 1
Current limit
GND
Range Low
Range Low
1/3 INTVCC
Range High
Range Low
2/3 INTVCC or Float
Range Low
Range High
INTVCC
Range High
Range High
applicaTions inForMaTion
INTVCC Regulators and EXTVCC
The LTC3870 features a PMOS LDO that supplies power
to INTVCC from the VIN supply. INTVCC powers the gate
drivers and most of the LTC3870’s internal circuitry. The
linear regulator regulates the voltage at the INTVCC pin
to 5.0V when VIN is greater than 6V. EXTVCC connects to
INTVCC through another PMOS LDO and can supply the
needed power when its voltage is higher than 4.8V and
VIN is higher than 6.5V. Each of these LDOs can supply a
peak current of 100mA and must be bypassed to ground
with a minimum of 4.7µF ceramic capacitor or low ESR
electrolytic capacitor. No matter what type of bulk capaci-
tor is used, an additional 0.1µF ceramic capacitor placed
directly adjacent to the INTVCC and PGND pins is highly
recommended. Good bypassing is needed to supply the
high transient currents required by the MOSFET gate
drivers and to prevent interaction between the channels.
HighinputvoltageapplicationsinwhichlargeMOSFETsare
being driven at high frequencies may cause the maximum
junctiontemperatureratingfortheLTC3870tobeexceeded.
TheINTVCCcurrent,whichisdominatedbythegatecharge
current, may be supplied by either the 5.0V linear regula-
tor from VIN or the linear regulator from EXTVCC. When
the voltage on the EXTVCC pin is less than 4.8V, the linear
regulator from VIN is enabled. Power dissipation for the
IC in this case is highest and is equal to VIN • IINTVCC. The
gate charge current is dependent on operating frequency.
The junction temperature can be estimated by using the
equations given in Note 2 of the Electrical Characteristics.
For example, the LTC3870 INTVCCcurrentislimitedtoless
than 34mA from a 38V supply in the UFD package and not
using the EXTVCC supply:
TJ = 70°C + (34mA)(38V)(43°C/W) = 125°C
whereambienttemperatureis70°Candthermalresistance
from junction to ambient is 43°C/W.
To prevent the maximum junction temperature from be-
ing exceeded, the input supply current must be checked
while operating in continuous conduction mode (MODE
= INTVCC) at maximum VIN. When the voltage applied to
EXTVCC rises above 4.8V and VIN above 6.5V, the INTVCC
linearregulatoristurnedoffandtheEXTVCClinearregulator
is turned on. Using the EXTVCC allows the MOSFET driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com