Electronic Components Datasheet Search
  English  ▼

X  

LTC3883 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3883
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 14Page - Linear Technology LTC3883 Datasheet HTML 15Page - Linear Technology LTC3883 Datasheet HTML 16Page - Linear Technology LTC3883 Datasheet HTML 17Page - Linear Technology LTC3883 Datasheet HTML 18Page - Linear Technology LTC3883 Datasheet HTML 19Page - Linear Technology LTC3883 Datasheet HTML 20Page - Linear Technology LTC3883 Datasheet HTML 21Page - Linear Technology LTC3883 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LTC3870
19
3870fb
For more information www.linear.com/LTC3870
Typical applicaTions
High Efficiency 425kHz 3-phase 1.8V Step-Down Converter with Input Current Sensing
VIN
6V TO 14V
100
3
100
10µF
D1
M1
M2
0.1µF
0.22µF
24.9k
11.3k
4.99k
17.8k
2200pF
22µF
4.7µF
1µF
0.22µF
1.43k
1.43k
100k
D1 TO D3: CENTRAL CMDSH-3TR
L0 TO L2: VISHAY IHLP-4040DZ-11 0.56µH
M1, M3, M4: INFINEON BSC050NE2LS
M2, M5, M6: INFINEON BSC010NE2LSI
0.1µF
0.1µF
530µF
530µF
0.22µF
100pF
1µF
M3
M4
M6
M5
1.43k
1.43k
17.4k
1µF
20k
16.2k
1.43k
1.43k
1µF
530µF
VOUT
1.8V
50A
5m
1µF
1µF
10nF
10µF
10nF
1µF
10k
10k
10k
10k
10k
10k
10k
10k
10nF
MMBT3906
3870 TA03
L0
0.56µH
L1
0.56µH
+
+
+
L2
0.56µH
VTRIM_CFG
VOUT_CFG
VDD33
FREQ_CFG
ASEL
ITH
LTC3883
GND
PGOOD
SYNC
RUN
SCL
SDA
WP
TSNS
PGND
SHARE_CLK
ALERT
GPIO
ISENSE+
TG
BOOST
SW
BG
ISENSE–
VSENSE+
VSENSE–
VDD25
VIN
VIN_SNS
IIN_SNS
INTVCC
EXTVCC
ILIM
LTC3870
ISENSE0–
ITH0
ITH1
ISENSE1+
ISENSE1–
ISENSE0+
RUN0
RUN1
SYNC
FAULT0
FAULT1
BG0
SW0
BOOST0
TG0
TG1
BOOST1
SW1
BG1
PGND
PHASMD
FREQ
MODE0
MODE1
SGND
VIN
INTVCC
D2
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com