Electronic Components Datasheet Search
  English  ▼

X  

LTC3883 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3883
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 6Page - Linear Technology LTC3883 Datasheet HTML 7Page - Linear Technology LTC3883 Datasheet HTML 8Page - Linear Technology LTC3883 Datasheet HTML 9Page - Linear Technology LTC3883 Datasheet HTML 10Page - Linear Technology LTC3883 Datasheet HTML 11Page - Linear Technology LTC3883 Datasheet HTML 12Page - Linear Technology LTC3883 Datasheet HTML 13Page - Linear Technology LTC3883 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC3870
10
3870fb
For more information www.linear.com/LTC3870
SGND, the LTC3870 operates in discontinuous mode at
light loads. At very light loads, the current comparator
ICMP may remain tripped for several cycles and force the
external top MOSFET to stay off for the same number of
cycles (i.e., skipping pulses). This mode provides higher
light load efficiency than forced continuous mode and the
inductor current is not allowed to reverse. There are 500k
pull down resistors internally connected to the MODE0/
MODE1 pins. If MODE0/MODE1 pins are floating, both
channels default to discontinuous conduction mode.
Multichip Operation (PHASMD and SYNC Pins)
The PHASMD pin determines the relative phases between
the internal channels as well as the external clock signal on
the SYNC pin, as shown in Table 1. The phases tabulated
are relative to zero degree phase being defined as the
falling edge of the clock on SYNC.
Table 1.
PHASMD
Channel 0 Phase
Channel 1 Phase
GND
180°
0°
1/3 INTVCC
60°
300°
2/3 INTVCC or Float
120°
240°
INTVCC
90°
270°
The SYNC pin is used to synchronize switching frequency
between master and slave controllers. Input capacitance
ESR requirements and efficiency losses are substantially
reduced because the peak current drawn from the input
capacitor is effectively divided by the number of phases
used and power loss is proportional to the RMS current
squared. A two-phase, single output voltage implementa-
tion can reduce input path power loss by 75% and radi-
cally reduce the required RMS current rating of the input
capacitor(s).
operaTion
Single Output Multiphase Operation
The LTC3870 is designed for multiphase converters with
the master controller by making these connections:
Tie all the ITH pins of paralleled channels together for
current sharing between masters and slaves. Note that
ILIM setup on slaves has to match MFR_PWM_MODE
current range setup in masters.
Tie all SYNC pins together between master and slaves for
sameswitchingfrequencysynchronization;oneandonly
one of the master controllers has to be programmed
as master to generate clock signal on the SYNC pin.
TiealltheRUNpinsofparalleledchannelstogetherbetween
masterandslavesforstartupandshutdownsequences.
Tie the GPIO pin of the master controller to the FAULT pin
of slave controllers and program the master GPIO as
fault sharing for fault protections.
Examples of single output multiphase converters are
shown in Figure 1.
Inductor Current Sensing
LiketheLTC3880/LTC3883,LTC3870canuseeitherinduc-
tor DCR or RSENSE to sense the inductor current. Inductor
DCR current sensing provides a lossless method of sens-
ing the instantaneous current. Therefore, it can provide
higherefficiencyforapplicationswithhighoutputcurrents.
However, the DCR of a copper inductor typically has 10%
tolerance.Forprecisecurrentsensing,aprecisionsensing
resistor RSENSE can be used to sense the inductor current.
Itisimportanttomatchthecurrentsensingcircuitbetween
master controllers and slave controllers to guarantee bal-
anced load sharing and overcurrent protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com