Electronic Components Datasheet Search
  English  ▼

X  

LTC3859AL Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3859AL
Description  60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859AL Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3859AL Datasheet HTML 7Page - Linear Technology LTC3859AL Datasheet HTML 8Page - Linear Technology LTC3859AL Datasheet HTML 9Page - Linear Technology LTC3859AL Datasheet HTML 10Page - Linear Technology LTC3859AL Datasheet HTML 11Page - Linear Technology LTC3859AL Datasheet HTML 12Page - Linear Technology LTC3859AL Datasheet HTML 13Page - Linear Technology LTC3859AL Datasheet HTML 14Page - Linear Technology LTC3859AL Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LTC3899
11
3899fa
For more information www.linear.com/LTC3899
PIN FUNCTIONS (QFN/TSSOP)
FREQ (Pin 1/ Pin 5): The frequency control pin for the
internal VCO. Connecting this pin to GND forces the VCO
to a fixed low frequency of 350kHz. Connecting this pin
to INTVCC forces the VCO to a fixed high frequency of
535kHz.Otherfrequenciesbetween50kHzand900kHzcan
be programmed using a resistor between FREQ and GND.
The resistor and an internal 20µA source current create a
voltage used by the internal oscillator to set the frequency.
PLLIN/MODE (Pin 2/Pin 6): External Synchronization
Input to Phase Detector and Forced Continuous Mode
Input. When an external clock is applied to this pin, the
phase-locked loop will force the rising TG1 signal to be
synchronized with the rising edge of the external clock,
and the regulators will operate in forced continuous mode.
When not synchronizing to an external clock, this input,
which acts on all three controllers, determines how the
LTC3899 operates at light loads. Pulling this pin to ground
selects Burst Mode operation. An internal 100k resistor to
ground also invokes Burst Mode operation when the pin is
floated.TyingthispintoINTVCCforcescontinuousinductor
current operation. Tying this pin to a voltage greater than
1.1V and less than INTVCC – 1.3V selects pulse-skipping
operation. This can be done by connecting a 100k resistor
from this pin to INTVCC.
INTVCC (Pin 8/Pin 12): Output of the Internal 5V Low
Dropout Regulator. The low voltage analog and digital
circuits are powered from this voltage source. A low ESR
0.1µF ceramic bypass capacitor should be connected
between INTVCC and GND, as close as possible to the IC.
INTVCC should not be used to power or bias any external
circuitry other than to configure FREQ, PLLIN/MODE,
DRVSET AND VPRG3 pins.
RUN1, RUN2, RUN3 (Pins 9, 10, 11/ Pins 13, 14, 15):
RunControlInputsforEachController.Forcinganyofthese
pins below 1.2V shuts down that controller. Forcing all of
these pins below 0.7V shuts down the entire LTC3899,
reducing quiescent current to approximately 3.6µA.
DRVSET (Pin 16/Pin 20): Sets the regulated output volt-
age of the DRVCC LDO regulator. Connecting this pin to
GND sets DRVCC to 6V whereas connecting it to INTVCC
sets DRVCC to 10V. Voltages between 5V and 10V can be
programmed by placing a resistor (50k to 100k) between
theDRVSETpinandGND.TheDRVSETpinalsodetermines
the higher or lower DRVCC UVLO and EXTVCC switchover
thresholds, as listed on the Electrical Characteristics table.
ConnectingDRVSETtoGNDorprogrammingDRVSETwith
a resistor chooses the lower thresholds whereas tying
DRVSET to INTVCC chooses the higher thresholds. When
programming DRVSET with a resistor, do not choose a
resistor value less than 50k (unless shorting DRVSET to
GND) or higher than 100k.
DRVCC (Pin 22/Pin 26): Output of the Internal or External
Low Dropout (LDO) Regulator. The gate drivers are pow-
ered from this voltage source. The DRVCC voltage is set
by the DRVSET pin. Must be decoupled to ground with a
minimum of 4.7µF ceramic or other low ESR capacitor.
Do not use the DRVCC pin for any other purpose.
EXTVCC (Pin 23/Pin 27): External Power Input to an Inter-
nal LDO Connected to DRVCC. This LDO supplies DRVCC
power, bypassing the internal LDO powered from VBIAS
whenever EXTVCC is higher than its switchover threshold
(4.7V or 7.7V depending on the DRVSET pin). See EXTVCC
ConnectionintheApplicationsInformationsection.Donot
float or exceed 14V on this pin. Do not connect EXTVCC to
a voltage greater than VBIAS. Connect to GND if not used.
VBIAS(Pin24/Pin28):MainSupplyPin.Abypasscapacitor
should be tied between this pin and the GND pin.
BG1, BG2, BG3 (Pins 29, 21, 25/Pins 33, 25, 29): High
Current Gate Drives for Bottom N-Channel MOSFETs.
Voltage swing at these pins is from ground to DRVCC.
BOOST1, BOOST2, BOOST3 (Pins 30, 20, 26/Pins 34,
24, 30): Bootstrapped Supplies to the Topside Floating
Drivers.CapacitorsareconnectedbetweentheBOOSTand
SW pins. Voltage swing at BOOST1 and BOOST2 pins is
from approximately DRVCC to (VIN1,2 + DRVCC). Voltage
swing at BOOST3 is from DRVCC to (VOUT3 + DRVCC).
SW1, SW2, SW3 (Pins 31, 19, 28/Pins 35, 23, 32):
Switch Node Connections to Inductors.
TG1, TG2, TG3 (Pins 32, 18, 27/Pins 36, 22, 31): High
CurrentGateDrivesforTopN-ChannelMOSFETs.Theseare
the outputs of floating drivers with a voltage swing equal
to DRVCC superimposed on the switch node voltage SW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com