Electronic Components Datasheet Search
  English  ▼

X  

LTC3859AL Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3859AL
Description  60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859AL Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3859AL Datasheet HTML 25Page - Linear Technology LTC3859AL Datasheet HTML 26Page - Linear Technology LTC3859AL Datasheet HTML 27Page - Linear Technology LTC3859AL Datasheet HTML 28Page - Linear Technology LTC3859AL Datasheet HTML 29Page - Linear Technology LTC3859AL Datasheet HTML 30Page - Linear Technology LTC3859AL Datasheet HTML 31Page - Linear Technology LTC3859AL Datasheet HTML 32Page - Linear Technology LTC3859AL Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LTC3899
29
3899fa
For more information www.linear.com/LTC3899
APPLICATIONS INFORMATION
Minimum On-Time Considerations
Minimum on-time, tON(MIN), is the smallest time duration
that the LTC3899 is capable of turning on the top MOSFET
(bottomMOSFETfortheboostcontroller).Itisdetermined
by internal timing delays and the gate charge required to
turn on the top MOSFET. Low duty cycle applications may
approach this minimum on-time limit and care should be
taken to ensure that:
tON(MIN)_BUCK <
VOUT
VIN(f)
tON(MIN)_BOOST <
VOUT − VIN
VOUT(f)
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for the LTC3899 is approximately
80ns for the bucks and 120ns for the boost. However, for
the buck channels as the peak sense voltage decreases
the minimum on-time gradually increases up to about
130ns. This is of particular concern in forced continuous
applications with low ripple current at light loads. If the
duty cycle drops below the minimum on-time limit in this
situation, a significant amount of cycle skipping can occur
with correspondingly larger current and voltage ripple.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC3899 circuits: 1) IC VBIAS current, 2) DRVCC
regulator current, 3) I2R losses, 4) Topside MOSFET
transition losses.
1. The VBIAS current is the DC supply current given in the
Electrical Characteristics table, which excludes MOS-
FET driver and control currents. VBIAS current typically
results in a small (<0.1%) loss.
2. DRVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results
from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge, dQ, moves
from DRVCC to ground. The resulting dQ/dt is a cur-
rent out of DRVCC that is typically much larger than the
control circuit current. In continuous mode, IGATECHG
= f(QT + QB), where QT and QB are the gate charges of
the topside and bottom side MOSFETs.
SupplyingDRVCCfromanoutput-derivedsourcepower
through EXTVCC will scale the VIN current required for
thedriverandcontrolcircuitsbyafactorof(DutyCycle)/
(Efficiency). For example, in a 20V to 5V application,
10mA of DRVCCcurrentresultsinapproximately2.5mA
of VIN current. This reduces the midcurrent loss from
10% or more (if the driver was powered directly from
VIN) to only a few percent.
3. I2R losses are predicted from the DC resistances of the
fuse (if used), MOSFET, inductor, current sense resis-
tor and input and output capacitor ESR. In continuous
FREQ PIN RESISTOR (k)
15
600
800
1000
35 45 55
25
3899 F11
400
200
500
700
900
300
100
0
65 75 85 95 105 115 125
Figure 10. Relationship Between Oscillator
Frequency and Resistor Value at the FREQ Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com