Electronic Components Datasheet Search
  English  ▼

X  

LTC3859AL Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3859AL
Description  60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859AL Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3859AL Datasheet HTML 8Page - Linear Technology LTC3859AL Datasheet HTML 9Page - Linear Technology LTC3859AL Datasheet HTML 10Page - Linear Technology LTC3859AL Datasheet HTML 11Page - Linear Technology LTC3859AL Datasheet HTML 12Page - Linear Technology LTC3859AL Datasheet HTML 13Page - Linear Technology LTC3859AL Datasheet HTML 14Page - Linear Technology LTC3859AL Datasheet HTML 15Page - Linear Technology LTC3859AL Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LTC3899
12
3899fa
For more information www.linear.com/LTC3899
PIN FUNCTIONS (QFN/TSSOP)
TRACK/SS1, TRACK/SS2, SS3 (Pins 33, 17, 3/Pins 37,
21, 7): External Tracking and Soft-Start Input. For the buck
channels, the LTC3899 regulates the VFB1,2 voltage to the
smaller of 0.8V, or the voltage on the TRACK/SS1,2 pin.
For the boost channel, the LTC3899 regulates the VFB3
voltage to the smaller of 1.2V, or the voltage on the SS3
pin. An internal 10µA pull-up current source is connected
to this pin. A capacitor to ground at this pin sets the ramp
time to final regulated output voltage. Alternatively, a re-
sistor divider on another voltage supply connected to the
TRACK/SS pins of the buck channels allow the LTC3899
buck outputs to track the other supply during start-up.
VPRG3 (Pin 34/Pin 38): Channel 3 Output Control Pin.
This pin sets the boost channel to adjustable output mode
using external feedback resistors or fixed 10V/12V output
mode.Floatingthispinallowstheoutputtobeprogrammed
through the VFB3 pin using external resistors, regulating
VFB3 to the 1.2V reference. Connecting this pin to GND or
INTVCC programs the output to 10V or 12V (respectively),
and VFB3 is used to sense the output voltage.
ITH1, ITH2, ITH3 (Pins 35, 15, 7/Pins 1, 19, 11): Error
AmplifierOutputsandSwitchingRegulatorCompensation
Points. Each associated channel’s current comparator trip
point increases with this control voltage.
VFB1,VFB2(Pins36,14/Pins2,18):Thesepinsreceivethe
remotely sensed feedback voltage for each buck controller
from an external resistive divider across the output.
VFB3(Pins6/Pins10):IfVPRG3isfloating,thispinreceives
the remotely sensed feedback voltage for the boost con-
troller from an external resistive divider across the output.
If VPRG3 is tied to GND or INTVCC, this pin receives the
remotely sensed output voltage of the boost controller.
SENSE1+, SENSE2+, SENSE3+ (Pins 37, 13, 4/Pins 3,
17, 8): The (+) Input to the Differential Current Compara-
tors. The ITH pin voltage and controlled offsets between
the SENSE– and SENSE+ pins in conjunction with RSENSE
set the current trip threshold. For the boost channel, the
SENSE3+ pin supplies current to the current comparator.
SENSE1–, SENSE2–, SENSE3– (Pins 38, 12, 5/Pins 4,
16, 9): The (–) Input to the Differential Current Compara-
tors. When SENSE1,2– for the buck channels is greater
than INTVCC, then SENSE1,2– pin supplies current to the
current comparator.
GND (Exposed Pad Pin 39/Exposed Pad Pin 39): Ground.
The exposed pad must be soldered to the PCB for rated
electrical and thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com