Electronic Components Datasheet Search
  English  ▼

X  

LM2501 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2501
Description  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2501 Datasheet HTML 1Page - National Semiconductor (TI) LM2501 Datasheet HTML 2Page - National Semiconductor (TI) LM2501 Datasheet HTML 3Page - National Semiconductor (TI) LM2501 Datasheet HTML 4Page - National Semiconductor (TI) LM2501 Datasheet HTML 5Page - National Semiconductor (TI) LM2501 Datasheet HTML 6Page - National Semiconductor (TI) LM2501 Datasheet HTML 7Page - National Semiconductor (TI) LM2501 Datasheet HTML 8Page - National Semiconductor (TI) LM2501 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Description
Pin Name
No.
of Pins
I/O, Type
Description
MPL SERIAL BUS PINS
MD
1
IO, MPL
MPL Data line. Serializer is a Line Driver. Deserializer is a Receiver. Configured by
the Mode[1:0] pins.
MC
1
IO, MPL
MPL Clock line. Serializer is a Line Driver. Deserializer is a Receiver. Configured by
the Mode[1:0] pins.
MG
1
Ground
See VSSA below.
CONFIGURATION/PARALLEL BUS PINS
Mode[1:0]
2
I, LVCMOS
Mode Configuration Input pins:
Mode[1:0], NOTE - Applies to REV F/G Samples only.
00
: Deserializer
01
: Serializer with PD* input
10
: Reserved
11
: Reserved
PD*
1
I, LVCMOS
Power_Down. Input pin. Active Low. When PD* is Low the device is in the sleep
state.
D0–D7
8
IO, LVCMOS
8-bit Bi-directional Data Bus – Serializer Input, Deserializer Output
VS
1
IO, LVCMOS
VSYNC – Serializer Input, Deserializer Output
HS
1
IO, LVCMOS
HSYNC – Serializer Input, Deserializer Output
PCLK
1
IO, LVCMOS
Pixel Clock. Serializer Input, Deserializer Output
WHISPER CLOCK
WCLKIO
1
IO, LVCMOS
Extra Clock Input for WhisperClock Link – Deserializer Input. Serializer Output.
WC
1
IO, MPL
Extra WhisperClock MPL signal – Serializer is an MPL input signal, Deserializer is
an MPL output signal.
POWER/GROUND PINS
V
DDA
1
Power
Power Supply Pin for the MPL Interface. 3.0V ± 3%
V
SSA
1
Ground
Ground Pin for the MPL Interface, also known as MG (MPL Ground)
V
DD
1
Power
Power Supply Pin for the digital core and Serializer PLL. 3.0V ± 3%
V
SS
1
Ground
Ground Pin for the digital core and Serializer PLL.
V
DDIO
1
Power
Power Supply Pin for the parallel interface. 1.7V to 3.1V
V
SSIO
1
Ground
Ground Pin for the parallel interface.
Notes:
I = Input, O = Output, IO = Input/Output
Do NOT float unused inputs.
ES Revision notes
Rev D/E
Sampled on MPL200EVK
Use prior datasheet edition
Rev F
S/D* and TM pins changed to Mode[1:0]
Use this datasheet edition
Rev G
MPL RX enhancements
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com