Electronic Components Datasheet Search
  English  ▼

X  

LM2501 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2501
Description  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2501 Datasheet HTML 1Page - National Semiconductor (TI) LM2501 Datasheet HTML 2Page - National Semiconductor (TI) LM2501 Datasheet HTML 3Page - National Semiconductor (TI) LM2501 Datasheet HTML 4Page - National Semiconductor (TI) LM2501 Datasheet HTML 5Page - National Semiconductor (TI) LM2501 Datasheet HTML 6Page - National Semiconductor (TI) LM2501 Datasheet HTML 7Page - National Semiconductor (TI) LM2501 Datasheet HTML 8Page - National Semiconductor (TI) LM2501 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM2501
Mobile Pixel Link (MPL) Camera Interface Serializer and
Deserializer
General Description
The LM2501 device is a Serializer/Deserializer that adapts
existing video busses to Mobile Pixel Link (MPL). MPL is
intended to replace wide LVCMOS video interfaces inside
portable electronics equipment benefiting their cost, size,
EMI and power consumption.
By using the LM2501 SERDES chipset, the interconnect is
reduced from 12 active signals to only 3 active signals
providing a 75% reduction. This eases interconect and flex
design, size and cost.
Contained in a 24 lead Ultra Thin CSP Package, the Serial-
izer resides beside the video source (camera) and translates
the parallel bus from LVCMOS levels to serial MPL levels for
transmission over a flex cable to the Deserializer located by
the respective destination Video Input Port.
An extra clock transport is provided to deliver a clock signal
to the target. For example, from the main board to the flip
board where the camera module is located. Transmission of
the clock also benefits from MPL’s low power transmission
and low EMI.
The Power_Down (PD*) input controls the power state of the
MPL interface. When PD* is asserted, the MD, MC and WC
signals are powered down to save current and reduce power
dissipation.
Features
n
160 Mbps Raw Throughput
n
MPL-0 Meets MPL Physical Layer Specification
n
Configurable as a Serializer or Deserializer
n
Complete LVCMOS to MPL Translation
n
Serializes 8-bit Camera Interface
— 8-bit color data
— plus VSYNC and HSYNC bits
n
Link power down mode reduces quiescent power under
∼ 10 µA (actual TBD)
n
1.7V–3.1V and 2.9-3.1V Supply Voltage
n
Interfaces to 1.8V–3.0V Logic
n
Offered in a small 24L UCSP Package
— 3.5 mm X 4.5 mm
— 0.6 mm Max Height
System Benefits
n
Reduced Wire Interface
n
Low Power
n
Low EMI
n
Extra Clock Transport
n
Intrinsic Level Translation
Typical Application Diagram
20091601
Ordering Information
NSID
Package Type
Package ID
LM2501SL
24-Lead Ultra Thin CSP 3.5 X 4.5 X 0.6 mm
SLE24A
I2C® is a registered trademark of Phillips Corporation.
ADVANCE INFORMATION
June 2004
© 2004 National Semiconductor Corporation
DS200916
www.national.com


Similar Part No. - LM2501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 27P
42V, 1.0A Step-Down Switching Regulator
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
402Kb / 18P
42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI2-LM25010 Datasheet
886Kb / 35P
LM25010, LM25010-Q1 42-V, 1-A Step-Down Switching Regulator
REVISED MAY 2016
More results

Similar Description - LM2501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
Mobile Pixel Link RGB Display Interface Serializer
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com