Electronic Components Datasheet Search
  English  ▼

X  

LM2501 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2501
Description  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2501 Datasheet HTML 1Page - National Semiconductor (TI) LM2501 Datasheet HTML 2Page - National Semiconductor (TI) LM2501 Datasheet HTML 3Page - National Semiconductor (TI) LM2501 Datasheet HTML 4Page - National Semiconductor (TI) LM2501 Datasheet HTML 5Page - National Semiconductor (TI) LM2501 Datasheet HTML 6Page - National Semiconductor (TI) LM2501 Datasheet HTML 7Page - National Semiconductor (TI) LM2501 Datasheet HTML 8Page - National Semiconductor (TI) LM2501 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DDA)
−0.3V to +TBDV
Supply Voltage (V
DD)
−0.3V to +TBDV
Supply Voltage (V
DDIO)
−0.3V to +TBDV
LVCMOS Input/Output Voltage
−0.3V to (V
DDIO
+0.3V)
MPL Input/Output Voltage
TBD
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature Soldering,
4 Seconds
+260˚C
ESD Ratings:
HBM, 1.5 k
Ω, 100pF
≥±2kV
EIAJ, 0
Ω, 200 pF
≥±200V
Maximum Package Power Dissipation Capacity at 25˚C
24L UCSP Package
TBD W
Derate TBD Package above 25˚C
TBD mW/˚C
Recommended Operating
Conditions
Min Typ
Max
Units
Supply Voltage
V
DDA to VSSA and
V
DD to VSS
2.9
3.0
3.1
V
V
DDIO to VSSIO
1.7
3.1
V
PLK Clock Frequency
4
16
MHz
WC Clock Frequency
4
28
MHz
Ambient Temperature
0
25
70
˚C
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MPL
I
OLL
Logic Low Current
4.8 I
B
5.0 I
B
5.3 I
B
µA
I
OMS
Mid Scale Current
3.0 I
B
µA
I
OHL
Logic High Current
0.8 I
B
1.0 I
B
1.2 I
B
µA
I
B
Current Bias
150
µA
LVCMOS (1.7V to 3.1V)
V
IH
Input Voltage High Level
0.7 V
DDIO
V
DDIO
+0.3
V
V
IL
Input Voltage Low Level
−0.3
0.3 V
DDIO
V
I
IN
Input Current (includes I
OZ)
−5
0
+5
µA
I
IH
Input Current High Level
−1
0
+1
µA
I
IL
Input Current Low Level
−1
0
+1
µA
V
OH
Output Voltage High Level
I
OH =−2mA
0.8 V
DDIO
V
V
OL
Output Voltage Low Level
I
OL = 2 mA
0.2 V
DDIO
V
I
OS
Output Short Circuit
Current
V
OUT =0V
TBD
mA
SUPPLY CURRENT
I
CC
Total Supply
Current — Enabled
PCLK = 16MHz
WC = 28MHz
MD = 0101-1010
pattern
C
L =15pF
Serializer
TBD
TBD
µA
Deserializer
TBD
TBD
µA
I
CCZ
Supply Current — Disable
Power_Down Mode PD* = L
1
10
µA
PD*=L
1
10
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com