Electronic Components Datasheet Search
  English  ▼

X  

LM2501 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2501
Description  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2501 Datasheet HTML 6Page - National Semiconductor (TI) LM2501 Datasheet HTML 7Page - National Semiconductor (TI) LM2501 Datasheet HTML 8Page - National Semiconductor (TI) LM2501 Datasheet HTML 9Page - National Semiconductor (TI) LM2501 Datasheet HTML 10Page - National Semiconductor (TI) LM2501 Datasheet HTML 11Page - National Semiconductor (TI) LM2501 Datasheet HTML 12Page - National Semiconductor (TI) LM2501 Datasheet HTML 13Page - National Semiconductor (TI) LM2501 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Features and Operation
POWER DOWN/OFF
The device may be powered by its PD* pin. A Low on this pin
will power down the entire device.
TABLE 2. Power Down Output States
Mode
Pin
Type
Output State
in Power Down
SER
WCLKIO
LVCMOS
LOW
SER
MC
MPL
OFF
SER
MD
MPL
OFF
DES
D[0:7]
LVCMOS
LOW
DES
V, H
LVCMOS
LOW
DES
PCLK
LVCMOS
LOW
DES
WC
MPL
OFF
UN-USED/OPEN INPUTS
Un-used control/inputs pins must be driven to their appropri-
ate logic states to set up the desired operating modes.
UN-USED OUTPUTS
Unused outputs should be left open to minimize power dis-
sipation.
POWERING UP
The LM2501 should be powered up with all power supplies
at the same time, alternately VDDIO may lag VDD and
VDDA. Do not power up with VDDIO before VDD and VDDA.
PHASE-LOCKED LOOP
When the device is configured as a Serializer, a PLL is
provided to generate the serial link clock. The Phase-locked
loop system generates the serial data clock at five times the
input clock. The PLL operates with an input clock between
4 MHz and 16 MHz. The Deserializer does not utilize the PLL
and its PLL is powered down.
RESET
PD* should be held Low until the power supply has powered
up and is stable. The PD* should then be de-asserted to
generate a RESET and start up. Stopping the WCLKIO or
the PCLK will not RESET the part. A power cycle or PD*
cycle is requested to generate a RESET event.
SERIALIZER/DESERIALIZER SELECTION
The Mode[1:0] pins are used to configure the device as
either a Serializer or Deserializer and other configuration
options.
WHISPERCLOCK
An additional clock signal is sent from the Deserializer to the
Serializer. This can be used to pass a clock reference
(4 MHz to 28 MHz) up to the Camera device from the host.
This link is independent of the Serial data path (opposite
direction). See also Figure 5. The SER can only start up, if
the WCLKIO(ser-out) has been active.
20091608
FIGURE 10. Sleep to Active
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com