Electronic Components Datasheet Search
  English  ▼

X  

LM2501 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2501
Description  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2501 Datasheet HTML 4Page - National Semiconductor (TI) LM2501 Datasheet HTML 5Page - National Semiconductor (TI) LM2501 Datasheet HTML 6Page - National Semiconductor (TI) LM2501 Datasheet HTML 7Page - National Semiconductor (TI) LM2501 Datasheet HTML 8Page - National Semiconductor (TI) LM2501 Datasheet HTML 9Page - National Semiconductor (TI) LM2501 Datasheet HTML 10Page - National Semiconductor (TI) LM2501 Datasheet HTML 11Page - National Semiconductor (TI) LM2501 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Functional Description
SERIAL BUS OPERATION
Bus Overview
The MPL bus is a simple 2-signal line interface that is
intended to replace wide low voltage CMOS video busses
inside handheld portable devices. The MPL physical layer is
purpose-built for an extremely low power and low EMI data
transmission while requiring the fewest number of signal
lines. No external line components are required, as termina-
tion is provided internal to the MPL receiver. The MPL inter-
face is designed to be used with common 50
Ω lines using
standard materials and connectors. Lines may be microstrip
or stripline construction. Total length of the interconnect is
expected to be less than 0.3 meters. This device is meets
the requirements of the MPL-0 Standard (PHY Layer only).
SERIAL BUS TIMING
Data valid is relative to both edges as shown in Figure 4.
Data valid is specified as: Data Valid before Clock, Data
Valid after Clock, (Note relative to both edges).
SERIAL BUS PHASES
There are three bus phases on the MPL serial bus. These
are determined by the state of the MC and MD lines. Two of
the bus phases have options. The MPL bus phases are
shown in Table 1.
TABLE 1. MPL Bus Phases
Name
WC State
MC State
MD State
Phase Description
Pre-Phase
Post-Phase
OFF (O)
0
0
0
Bus is Powered-Off
na
I (WC)
Initialization (I)
WC
A
0
0
WC Start Up
O
I (MC)
MC/MD
A
A
0
MPL Start Up
I (WC)
A
Active (A)
A
A
X
Data Out (Write)
I (MC)
A or O
Notes on Line State: 0 = no current (off), L = Logic Low, H = Logic High, X = Low or High, A — Active Clock
20091602
FIGURE 4. Master-to-Slave Timing (MC, MDm)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com