Electronic Components Datasheet Search
  English  ▼

X  

LM2501 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2501
Description  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2501 Datasheet HTML 1Page - National Semiconductor (TI) LM2501 Datasheet HTML 2Page - National Semiconductor (TI) LM2501 Datasheet HTML 3Page - National Semiconductor (TI) LM2501 Datasheet HTML 4Page - National Semiconductor (TI) LM2501 Datasheet HTML 5Page - National Semiconductor (TI) LM2501 Datasheet HTML 6Page - National Semiconductor (TI) LM2501 Datasheet HTML 7Page - National Semiconductor (TI) LM2501 Datasheet HTML 8Page - National Semiconductor (TI) LM2501 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PARALLEL BUS TIMING
t
SET
Set Time - Data to Clock
Inputs
Figure 2
TBD
ns
t
HOLD
Hold Time - Clock to Data
TBD
ns
t
RISE
Rise Time
Outputs,
C
L =15pF
ns
t
FALL
Fall Time
ns
PC
LOW
PCLK Low
50
%
PC
HIGH
PCLK High
50
%
t
DVBC
Data Valid before Clock
Figure 2
TBD
ns
t
DVAC
Data Valid after Clock
TBD
ns
SERIAL BUS TIMING
t
DVBC
Figure 1
t
DVAC
POWER UP TIMING (see Figures 5, 6)
t
1
WC Start Up Delay
Figure 5
Planned Rev G ES test Chip will
double WC cyc counts on T
1 to T4
(SER) parameters to support higher
WC rates.
100
WC
CYC
t
2
WC Low Initialization Low
State
11
12
13
WC
CYC
t
3
WC Pulse Width High
11
12
13
WC
CYC
t
4
WC Low State
11
12
13
WC
CYC
t
5
WC
IN to WCOUT Latency
(SER)
678
WC
CYC
t
6
TBD
9WC
CYC
t
7
SER PLL Lock Time
Figure 6
4,096
MC
CYC
t
8
MC Low Initialization Low
State
11
12
13
MC
CYC
t
9
MC Pulse Width High
11
12
13
MC
CYC
t
10
MC Low State
11
12
13
MC
CYC
t
11
SER Latency
TBD
MC
CYC
t
12
DES Latency
TBD
MC
CYC
POWER OFF TIMING
t
PAZ
Disable Time to Power Off
µs
t
PZA
Enable Time from Power
Off
µs
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com