Electronic Components Datasheet Search
  English  ▼

X  

LT3065 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3065
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3065 Datasheet HTML 5Page - Linear Technology LT3065 Datasheet HTML 6Page - Linear Technology LT3065 Datasheet HTML 7Page - Linear Technology LT3065 Datasheet HTML 8Page - Linear Technology LT3065 Datasheet HTML 9Page - Linear Technology LT3065 Datasheet HTML 10Page - Linear Technology LT3065 Datasheet HTML 11Page - Linear Technology LT3065 Datasheet HTML 12Page - Linear Technology LT3065 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3065 Series
9
3065fc
For more information www.linear.com/LT3065
Typical perForMance characTerisTics T
J = 25°C, unless otherwise noted.
SHDN Pin Input Current
ADJ Pin Bias Current
Internal Current Limit
SHDN PIN VOLTAGE (V)
0
0
0.5
1.5
2.0
2.5
10
20 25
45
3065 G28
1.0
5
15
30 35 40
3.0
TEMPERATURE (°C)
–75
30
40
50
125
3065 G29
20
10
25
35
45
15
5
0
–25
25
75
–50
150
0
50
100
175
TEMPERATURE (°C)
–75
120
160
180
125
3065 G33
80
40
100
140
60
20
0
–25
25
75
–50
150
0
50
100
175
IADJ
IOUT
VOUT = VADJ = 1.2V
VIN = 0V
FREQUENCY (Hz)
10
100
30
40
50
60
70
1k
10k
100k
1M
10M
3065 G34
20
10
0
80
90
ILOAD = 500mA
COUT = 10µF
VOUT = 3.3V
VIN = 4.3V + 50mVRMS RIPPLE
CREF/BYP = 10nF
CREF/BYP = 1nF
CREF/BYP = 0nF
CREF/BYP = 100pF
FREQUENCY (Hz)
10
100
30
40
50
60
70
1k
10k
100k
1M
10M
3065 G35
20
10
0
80
90
ILOAD = 500mA
CREF/BYP = 10nF
VOUT = 3.3V
VIN = 4.3V + 50mVRMS RIPPLE
COUT = 10µF
COUT = 3.3µF
TEMPERATURE (°C)
–75
0
10
30
40
50
75 100 125 150
90
3065 G36
20
–50 –25 0 25 50
175
60
70
80
ILOAD = 500mA
CREF/BYP = 10nF
VOUT = 3.3V
VIN = 4.3V + 50mVRMS RIPPLE
f = 120Hz
TEMPERATURE (°C)
–75
1.0
1.2
1.4
1.5
1.3
1.1
0.9
25 50
100
175
0.6
0.8
0.2
0.4
0.5
0.7
0.1
0.3
0
–50 –25 0
75
125 150
3065 G30
VIN = 6V
VOUT = 0V
VIN – VOUT (V)
0
0
0.1
0.3
0.4
0.5
1.2
0.7
10
20 25
45
3065 G31
0.2
0.8
0.9
1.0
1.1
0.6
5
15
30 35 40
–55°C
–40°C
25°C
125°C
150°C
VOUT (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
10
20
25
40
3065 G32
0.2
0.8
0.9
0.6
5
15
30
35
VIN = 0
Internal Current Limit
Reverse Output Current
Input Ripple Rejection
Input Ripple Rejection
Input Ripple Rejection
Reverse Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com