Electronic Components Datasheet Search
  English  ▼

X  

LT3065 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3065
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 3 Page - Linear Technology

  LT3065 Datasheet HTML 1Page - Linear Technology LT3065 Datasheet HTML 2Page - Linear Technology LT3065 Datasheet HTML 3Page - Linear Technology LT3065 Datasheet HTML 4Page - Linear Technology LT3065 Datasheet HTML 5Page - Linear Technology LT3065 Datasheet HTML 6Page - Linear Technology LT3065 Datasheet HTML 7Page - Linear Technology LT3065 Datasheet HTML 8Page - Linear Technology LT3065 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3065 Series
3
3065fc
For more information www.linear.com/LT3065
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3065IDD-2.5#PBF
LT3065IDD-2.5#TRPBF
LGQY
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065HDD-2.5#PBF
LT3065HDD-2.5#TRPBF
LGQY
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 150°C
LT3065MPDD-2.5#PBF
LT3065MPDD-2.5#TRPBF
LGQY
10-Lead (3mm x 3mm) Plastic DFN
–55°C to 150°C
LT3065EDD-3.3#PBF
LT3065EDD-3.3#TRPBF
LGQZ
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065IDD-3.3#PBF
LT3065IDD-3.3#TRPBF
LGQZ
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065HDD-3.3#PBF
LT3065HDD-3.3#TRPBF
LGQZ
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 150°C
LT3065MPDD-3.3#PBF
LT3065MPDD-3.3#TRPBF
LGQZ
10-Lead (3mm x 3mm) Plastic DFN
–55°C to 150°C
LT3065EDD-5#PBF
LT3065EDD-5#TRPBF
LGRB
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065IDD-5#PBF
LT3065IDD-5#TRPBF
LGRB
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065HDD-5#PBF
LT3065HDD-5#TRPBF
LGRB
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 150°C
LT3065MPDD-5#PBF
LT3065MPDD-5#TRPBF
LGRB
10-Lead (3mm x 3mm) Plastic DFN
–55°C to 150°C
LT3065EMSE#PBF
LT3065EMSE#TRPBF
3065
12-Lead Plastic MSOP
–40°C to 125°C
LT3065IMSE#PBF
LT3065IMSE#TRPBF
3065
12-Lead Plastic MSOP
–40°C to 125°C
LT3065HMSE#PBF
LT3065HMSE#TRPBF
3065
12-Lead Plastic MSOP
–40°C to 150°C
LT3065MPMSE#PBF
LT3065MPMSE#TRPBF
3065
12-Lead Plastic MSOP
–55°C to 150°C
LT3065EMSE-1.2#PBF
LT3065EMSE-1.2#TRPBF
306512
12-Lead Plastic MSOP
–40°C to 125°C
LT3065IMSE-1.2#PBF
LT3065IMSE-1.2#TRPBF
306512
12-Lead Plastic MSOP
–40°C to 125°C
LT3065HMSE-1.2#PBF
LT3065HMSE-1.2#TRPBF
306512
12-Lead Plastic MSOP
–40°C to 150°C
LT3065MPMSE-1.2#PBF
LT3065MPMSE-1.2#TRPBF
306512
12-Lead Plastic MSOP
–55°C to 150°C
LT3065EMSE-1.5#PBF
LT3065EMSE-1.5#TRPBF
306515
12-Lead Plastic MSOP
–40°C to 125°C
LT3065IMSE-1.5#PBF
LT3065IMSE-1.5#TRPBF
306515
12-Lead Plastic MSOP
–40°C to 125°C
LT3065HMSE-1.5#PBF
LT3065HMSE-1.5#TRPBF
306515
12-Lead Plastic MSOP
–40°C to 150°C
LT3065MPMSE-1.5#PBF
LT3065MPMSE-1.5#TRPBF
306515
12-Lead Plastic MSOP
–55°C to 150°C
LT3065EMSE-1.8#PBF
LT3065EMSE-1.8#TRPBF
306518
12-Lead Plastic MSOP
–40°C to 125°C
LT3065IMSE-1.8#PBF
LT3065IMSE-1.8#TRPBF
306518
12-Lead Plastic MSOP
–40°C to 125°C
LT3065HMSE-1.8#PBF
LT3065HMSE-1.8#TRPBF
306518
12-Lead Plastic MSOP
–40°C to 150°C
LT3065MPMSE-1.8#PBF
LT3065MPMSE-1.8#TRPBF
306518
12-Lead Plastic MSOP
–55°C to 150°C
LT3065EMSE-2.5#PBF
LT3065EMSE-2.5#TRPBF
306525
12-Lead Plastic MSOP
–40°C to 125°C
LT3065IMSE-2.5#PBF
LT3065IMSE-2.5#TRPBF
306525
12-Lead Plastic MSOP
–40°C to 125°C
LT3065HMSE-2.5#PBF
LT3065HMSE-2.5#TRPBF
306525
12-Lead Plastic MSOP
–40°C to 150°C
LT3065MPMSE-2.5#PBF
LT3065MPMSE-2.5#TRPBF
306525
12-Lead Plastic MSOP
–55°C to 150°C
LT3065EMSE-3.3#PBF
LT3065EMSE-3.3#TRPBF
306533
12-Lead Plastic MSOP
–40°C to 125°C
LT3065IMSE-3.3#PBF
LT3065IMSE-3.3#TRPBF
306533
12-Lead Plastic MSOP
–40°C to 125°C
LT3065HMSE-3.3#PBF
LT3065HMSE-3.3#TRPBF
306533
12-Lead Plastic MSOP
–40°C to 150°C
LT3065MPMSE-3.3#PBF
LT3065MPMSE-3.3#TRPBF
306533
12-Lead Plastic MSOP
–55°C to 150°C
LT3065EMSE-5#PBF
LT3065EMSE-5#TRPBF
30655
12-Lead Plastic MSOP
–40°C to 125°C
LT3065IMSE-5#PBF
LT3065IMSE-5#TRPBF
30655
12-Lead Plastic MSOP
–40°C to 125°C
LT3065HMSE-5#PBF
LT3065HMSE-5#TRPBF
30655
12-Lead Plastic MSOP
–40°C to 150°C
LT3065MPMSE-5#PBF
LT3065MPMSE-5#TRPBF
30655
12-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
orDer inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com