Electronic Components Datasheet Search
  English  ▼

X  

LT3065 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3065
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3065 Datasheet HTML 10Page - Linear Technology LT3065 Datasheet HTML 11Page - Linear Technology LT3065 Datasheet HTML 12Page - Linear Technology LT3065 Datasheet HTML 13Page - Linear Technology LT3065 Datasheet HTML 14Page - Linear Technology LT3065 Datasheet HTML 15Page - Linear Technology LT3065 Datasheet HTML 16Page - Linear Technology LT3065 Datasheet HTML 17Page - Linear Technology LT3065 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT3065 Series
14
3065fc
For more information www.linear.com/LT3065
pin FuncTions
Figure 1. Kelvin Sense Connection
Figure 2. System Block Diagram
block DiagraM
IN
SHDN
RP
OUT
VIN
ADJ
GND
LT3065
RP
R1
R2
+
+
LOAD
IN
SHDN
3065 F01
RP
OUT
VIN
SENSE
GND
FIXED VOLTAGE VERSION
ADJUSTABLE VERSION
LT3065-X
RP
+
+
LOAD
+
–
IN
R5
D1
QIMAX
1/500X
QPOWER
1X
IMAX
PWRGD
QPWRGD
3065 F02
540mV
REFERENCE
GND
REF/BYP
*FIXED VOLTAGE OPTIONS ONLY
SHDN
ADJ
SENSE*
30k
R4
R1*
R2*
IDEAL
DIODE
D3
Q2
D2
ERROR
AMPLIFIER
THERMAL/
CURRENT LIMIT
CURRENT
LIMIT
AMPLIFIER
100k
R3
600mV
REFERENCE
OUT
+–
+–
Q3
Table 2. Fixed Voltage Option Resistor Values
VOUT (V)
R1 (kΩ)
R2 (kΩ)
5
120
880
3.3
120
540
2.5
120
380
1.8
120
240
1.5
120
180
1.2
120
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com