Electronic Components Datasheet Search
  English  ▼

X  

LT3065 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3065
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3065 Datasheet HTML 15Page - Linear Technology LT3065 Datasheet HTML 16Page - Linear Technology LT3065 Datasheet HTML 17Page - Linear Technology LT3065 Datasheet HTML 18Page - Linear Technology LT3065 Datasheet HTML 19Page - Linear Technology LT3065 Datasheet HTML 20Page - Linear Technology LT3065 Datasheet HTML 21Page - Linear Technology LT3065 Datasheet HTML 22Page - Linear Technology LT3065 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3065 Series
19
3065fc
For more information www.linear.com/LT3065
applicaTions inForMaTion
current limit amplifier. Connecting a resistor (RIMAX) from
IMAX to GND sets the current limit threshold. If the output
load increases to a level such that the IMAX pin voltage
reaches 0.6V, the current limit amplifier takes control
and regulates the IMAX voltage to 0.6V, regardless of the
output voltage. Calculate the required RIMAX value for a
given current limit from the following formula:
RIMAX = 500 •
0.6V
ILIMIT
In cases where the IN to OUT differential voltage exceeds
10V, current limit foldback lowers the internal current
limit level, possibly causing it to override the external
programmable current limit. See the Internal Current
Limit vs VIN – VOUT graph in the Typical Performance
Characteristics section.
The IMAX pin requires a 22nF decoupling capacitor. If the
external programmable current limit is not used, connect
the IMAX pin directly to GND. LT3065 power dissipation
increases the IMAX threshold at a rate of approximately
0.5 percent per watt.
PWRGD Pin Operation
ThePWRGDpinisanopen-drainhighvoltageNMOSdigital
outputcapableofsinking50µA.ThePWRGDpinde-asserts
and becomes high impedance if the output rises above
90% of its nominal value. If the output falls below 88.4%
of its nominal value for more than 25μs, the PWRGD pin
asserts low. The PWRGD comparator has 1.6% hysteresis
and 25μs of deglitching. The PWRGD comparator has a
dedicated reference that does not soft-start if a capacitor
is used on the REF/BYP pin.
The use of a feed-forward capacitor, CFF, as shown in
Figure 4, can result in the ADJ pin being pulled artificially
high during startup transients, which causes the PWRGD
flag to assert early. To avoid this problem, ensure that
the REF/BYP capacitor is significantly larger than the
feed-forward capacitor, causing REF/BYP time constant
to dominate over the time constant of the resistor divider
network.
Operation in Dropout
Some degradation of the IMAX current mirror accuracy
occurs for output currents less than 50mA when operat-
ing in dropout.
Overload Recovery
Like many IC power regulators, the LT3065 has safe oper-
ating area protection. The safe area protection decreases
current limit as input-to-output voltage increases, and
keeps the power transistor inside a safe operating region
for all values of input-to-output voltage. The LT3065 pro-
vides some output current at all values of input-to-output
voltage up to the device’s Absolute Maximum Rating.
When power is first applied, the input voltage rises and the
output follows the input; allowing the regulator to start-up
into very heavy loads. During start-up, as the input voltage
is rising, the input-to-output voltage differential is small,
allowing the regulator to supply large output currents.
With a high input voltage, a problem can occur wherein
the removal of an output short will not allow the output
to recover. Other regulators, such as the LT1083/LT1084/
LT1085familyandLT1764Aalsoexhibitthisphenomenon,
so it is not unique to the LT3065. The problem occurs with
a heavy output load when the input voltage is high and the
output voltage is low. Common situations are immediately
after the removal of a short circuit or if the shutdown pin
is pulled high after the input voltage is already turned on.
The load line intersects the output current curve at two
points. If this happens, there are two stable output operat-
ing points for the regulator. With this double intersection,
the input power supply needs to be cycled down to zero
and back up again to recover the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com