Electronic Components Datasheet Search
  English  ▼

X  

LT3065 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3065
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3065 Datasheet HTML 20Page - Linear Technology LT3065 Datasheet HTML 21Page - Linear Technology LT3065 Datasheet HTML 22Page - Linear Technology LT3065 Datasheet HTML 23Page - Linear Technology LT3065 Datasheet HTML 24Page - Linear Technology LT3065 Datasheet HTML 25Page - Linear Technology LT3065 Datasheet HTML 26Page - Linear Technology LT3065 Datasheet HTML 27Page - Linear Technology LT3065 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT3065 Series
24
3065fc
For more information www.linear.com/LT3065
Typical applicaTions
Paralleling Regulators for Higher Output Current
LT3065
49.9
IN
PWRGD
SHDN
OUT
ADJ
GND
REF/BYP
500k
10µF
10µF
2.5V
1A
6.04k
1%
10nF
3065 TA06
19.1k
1%
6.04k
1%
21k
1%
VIN > 3V
PWRGD
SHDN
IMAX
LT3065
49.9
IN
PWRGD
SHDN
OUT
ADJ
GND
REF/BYP
10nF
0.1µF
IMAX
–
+
10k
LT1637
1k
33nF
1k
6.8k
10µF
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com