Electronic Components Datasheet Search
  English  ▼

X  

LT3065 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3065
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3065 Datasheet HTML 9Page - Linear Technology LT3065 Datasheet HTML 10Page - Linear Technology LT3065 Datasheet HTML 11Page - Linear Technology LT3065 Datasheet HTML 12Page - Linear Technology LT3065 Datasheet HTML 13Page - Linear Technology LT3065 Datasheet HTML 14Page - Linear Technology LT3065 Datasheet HTML 15Page - Linear Technology LT3065 Datasheet HTML 16Page - Linear Technology LT3065 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3065 Series
13
3065fc
For more information www.linear.com/LT3065
pin FuncTions (DFN/MSOP)
Temperature in the Typical Performance Characteristics
section).TheADJpinvoltageis600mVreferencedtoGND.
Connecting a capacitor from OUT to ADJ reduces output
noiseandimprovestransientresponseforoutputvoltages
greaterthan600mV.SeetheApplicationsInformationsec-
tion for calculating the value of the feedforward capacitor.
At output voltages above 0.6V, the resistor divider
connected to the ADJ pin is used to regulate voltage at
the load. Parasitic resistances of PCB traces or cables can
therefore result in load regulation errors at high output
currents. To eliminate these, connect the resistor divider
directly to the load for a Kelvin sense connection, as
shown in Figure 1.
Fixed Voltage Version Only
GND (Exposed Pad Pin 11, Exposed Pad Pin 13): Ground.
The exposed pad of the DFN and MSOP packages is an
electrical connection to GND. To ensure proper electrical
and thermal performance, solder Pin 11/Pin 13 to the
PCB ground.
SENSE (Pin 8/Pin 10): Sense. This pin is the top of the
internal resistor divider network, and should be connected
directly to the load, as a Kelvin sense, for optimum load
regulation and transient performance. Connecting this
pin to the output pin at the package, rather than directly
to the load, can result in load regulation errors due to the
current across the parasitic resistance of the PCB trace.
ADJ (Pin 7/Pin 9): Adjust. This pin is the midpoint of the
internal resistor divider network and the inverting input
to the error amplifier. Connecting a capacitor from the
OUT to ADJ reduces output noise and improves transient
response. See the Applications Information section for
calculating the value of the feedforward capacitor; the
internal divider current is 5µA. This pin should not be
used for any other purpose.
proportional to the BYP capacitor value. If the LT3065
is placed in shutdown, BYP is actively pulled low by an
internal device to reset soft-start. If low noise or soft-start
performance is not required, this pin must be left floating
(unconnected).Donotdrivethispinwithanyactivecircuitry.
Because the REF/BYP pin is the reference input to the
error amplifier, stray capacitance at this point should be
minimized. Special attention should be given to any stray
capacitances that can couple external signals onto the
REF/BYP pin producing undesirable output transients or
ripple. A minimum capacitance of 100pF from REF/BYP
to GND is recommended.
OUTPUT (Pins 9,10/Pins 11,12): Output. These pins sup-
ply power to the load. Stability requirements demand a
minimum3.3µFceramicoutputcapacitorwithanESR<1Ω
to prevent oscillations. Applications with output voltages
less than 1.2V require a minimum 4.7µF ceramic output
capacitor. Large load transient applications require larger
output capacitors to limit peak voltage transients. See the
Applications Information section for details on transient
response and reverse output characteristics. Permissible
output voltage range is 600mV to 40V.
Adjustable Version Only
GND (Pin 7, Exposed Pad Pin 11/Pin 9, Exposed Pad
Pin 13): Ground. The exposed pad of the DFN and MSOP
packages is an electrical connection to GND. To ensure
proper electrical and thermal performance, solder Pin
11/Pin 13 to the PCB GND and tie it directly to Pin 7/Pin
9. For the adjustable LT3065, connect the bottom of the
external resistor divider that sets output voltage directly
to GND (Pin 7/Pin 9)for optimum load regulation.
ADJ (Pin 8/Pin 10): Adjust. This pin is the error ampli-
fier’s inverting terminal. It’s typical bias current of 16nA
flows out of the pin (see curve of ADJ Pin Bias Current vs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com