Electronic Components Datasheet Search
  English  ▼

X  

LT6004 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6004
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6004 Datasheet HTML 2Page - Linear Technology LT6004 Datasheet HTML 3Page - Linear Technology LT6004 Datasheet HTML 4Page - Linear Technology LT6004 Datasheet HTML 5Page - Linear Technology LT6004 Datasheet HTML 6Page - Linear Technology LT6004 Datasheet HTML 7Page - Linear Technology LT6004 Datasheet HTML 8Page - Linear Technology LT6004 Datasheet HTML 9Page - Linear Technology LT6004 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LT6023/LT6023-1
6
60231fa
For more information www.linear.com/LT6023
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design.
Note 3: The slew rate of the LT6023 increases with the size of the
input step. At lower supplies, the input step size is limited by the input
common mode range. This trend can be seen in the Typical Performance
Characteristics.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current per Amplifier
TA = –40° to 85°C
TA = –40° to 125°C
l
l
15
20
25
35
μA
μA
μA
Supply Current in Shutdown
VEN = 0.8V
TA = –40° to 85°C
TA = –40° to 125°C
l
l
0.2
1.1
1.5
3
μA
μA
μA
ts
Settling Time (AV = –1)
0.1% 2.4V Output Step
0.01% 2.4V Output Step
0.0015% 2.4V Output Step
85
100
250
μs
μs
μs
tON
Enable Time
AV = 1
580
µs
VDGND
DGND Pin Voltage Range
l
V–
V+ – 3
V
IDGND
DGND Pin Current
–75
nA
IEN
EN Pin Current
–75
nA
VENL
EN Pin Input Low Voltage
Relative to DGND
l
0.8
V
VENH
EN Pin Input High Voltage
Relative to DGND
l
1.7
V
The l denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C, VS = 3V, VCM = VOUT = Mid-Supply, VDGND = 0V, VEN = 3V. DGND and EN
pin specifications only apply to the LT6023-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com