Electronic Components Datasheet Search
  English  ▼

X  

LT6004 Datasheet(PDF) 17 Page - Linear Technology

Part # LT6004
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT6004 Datasheet HTML 13Page - Linear Technology LT6004 Datasheet HTML 14Page - Linear Technology LT6004 Datasheet HTML 15Page - Linear Technology LT6004 Datasheet HTML 16Page - Linear Technology LT6004 Datasheet HTML 17Page - Linear Technology LT6004 Datasheet HTML 18Page - Linear Technology LT6004 Datasheet HTML 19Page - Linear Technology LT6004 Datasheet HTML 20Page - Linear Technology LT6004 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LT6023/LT6023-1
17
60231fa
For more information www.linear.com/LT6023
Micropower Reference Divider/Buffer
TYPICAL APPLICATIONS
60231 F02c
12V
1/2 LT6023
1/2 LT6023
R5
49.9
C5
0.1µF
C6
10µF
R6
49.9k
R7
49.9
R2*
100k
C3
0.1µF
R3*
100k
C4
10µF
C2
1µF
C1
0.1µF
R1*
100k
R4*
100k
LT6656-4.096
IN
OUT
GND
4.096V
2.048V
*LT5400-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com