Electronic Components Datasheet Search
  English  ▼

X  

LT6004 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6004
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6004 Datasheet HTML 8Page - Linear Technology LT6004 Datasheet HTML 9Page - Linear Technology LT6004 Datasheet HTML 10Page - Linear Technology LT6004 Datasheet HTML 11Page - Linear Technology LT6004 Datasheet HTML 12Page - Linear Technology LT6004 Datasheet HTML 13Page - Linear Technology LT6004 Datasheet HTML 14Page - Linear Technology LT6004 Datasheet HTML 15Page - Linear Technology LT6004 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LT6023/LT6023-1
12
60231fa
For more information www.linear.com/LT6023
APPLICATIONS INFORMATION
Figure 1. Settling Time Is Essentially Flat
will lower the slew rate to 0.02V/µs. Note that for these
smaller inputs the LT6023 slew rate approaches the slew
rate more common in traditional micropower amplifiers.
Input Bias Current
The design of the input stage of the LT6023 is more so-
phisticated than that shown in the Simplified Schematic.
It uses both NPN and PNP input differential amplifiers to
sense the input differential voltage. As a result the speci-
fied input bias current may flow in or out of the input pins.
Multiplexer Applications/High Dynamic Input
Impedance
The LT6023 has features which make it desirable for
multiplexer applications, such as the application featured
on the front page of this data sheet. When the channels of
the multiplexer are cycled, the output of the multiplexer
can produce large voltage transitions. Normally, bipolar
amplifiers have back-to-back diodes between the inputs,
whichwillturnonwhentheinputtransientvoltageexceeds
0.7V, causing a large transient current to be conducted
from the amplifier output stage back into the input driving
circuitry. The driving circuitry then needs to absorb this
current and settle before the amplifier can settle. The
LT6023 uses 5.5V Zener diodes to protect its inputs which
dramaticallyincreasesitsinputimpedancewithinputsteps
as large as 5V.
OUTPUT STEP (VP-P)
5
200
150
100
50
0
20
60231 F01
25
10
15
AV = 1
0.01%
0.0015%
Preserving Low Power Operation
The proprietary circuitry used in the LT6023 provides an
excellent combination of low power, low offset and en-
hancedslewrate.Normallyanamplifierwithhighersupply
current would be required to achieve this combination of
slew rate and precision. Special care must be taken to
ensure that the low power operation is preserved.
The choice of feedback resistor values impacts several
op-amp parameters as noted in the feedback compo-
nents section. It should also be noted that the output of
the amplifier must drive this network. For example, in a
gain of two with a total feedback resistance of 10kΩ and
an output voltage of 14V, the amplifier’s output will need
to supply 1.4mA of current. This current will ultimately
come from a supply.
The supply current of the LT6023 increases with large
differential input voltages. Normally, this does not impact
the low power nature of the LT6023 because the ampli-
fier is forcing the two inputs to be at the same potential.
Conditionswhichcausedifferentialinputvoltagetoappear
should be avoided in order to preserve the low power dis-
sipation of the LT6023. This includes but is not limited
to: operation as a comparator, excessive loading on the
output and overdriving the input.
Enhanced Slew Rate
The LT6023 uses a proprietary input stage which provides
an enhanced slew rate without sacrificing input precision
specssuchasinputoffsetvoltage,commonmoderejection
and noise. The unique input stage of the LT6023 allows the
output to quickly slew to its final value when large signal
input steps are applied. This enhanced slew characteristic
allows the LT6023 to quickly settle the output to 0.0015%
independentofinputstepsizeasshowninFigure1.Typical
micropoweramplifierscannotprocesslargeamplitudesig-
nals with this speed. As shown in the Typical Performance
curves, when the LT6023 is configured in unity gain and
a 10V step is applied to the input the output will slew at
1.4V/µs. In this same configuration, a 5V input step will
slewtheoutputat0.65V/µs.Furthermore,a0.7Vinputstep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com