Electronic Components Datasheet Search
  English  ▼

X  

LT6004 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6004
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6004 Datasheet HTML 7Page - Linear Technology LT6004 Datasheet HTML 8Page - Linear Technology LT6004 Datasheet HTML 9Page - Linear Technology LT6004 Datasheet HTML 10Page - Linear Technology LT6004 Datasheet HTML 11Page - Linear Technology LT6004 Datasheet HTML 12Page - Linear Technology LT6004 Datasheet HTML 13Page - Linear Technology LT6004 Datasheet HTML 14Page - Linear Technology LT6004 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LT6023/LT6023-1
11
60231fa
For more information www.linear.com/LT6023
PIN FUNCTIONS
OUT: Amplifier Output.
–IN: Inverting Input of the Amplifier.
+IN: Noninverting Input of the Amplifier.
V–: Negative Power Supply. A bypass capacitor should be
used between supply pins and ground. Additional bypass
capacitance may be used between the power supply pins.
DGND(LT6023-1Only):ReferenceforENPin.Itisnormally
tied to ground. DGND must be in the range from V– to V+
–3V. If grounded, V+ must be ≥ 3V. The EN pin threshold
is specified with respect to the DGND pin. DGND cannot
be floated.
EN (LT6023-1 Only): Enable Input. This pin must be
connected high, normally to V+, for the amplifiers to be
functional. EN is active high with the threshold approxi-
mately two diodes above DGND. EN cannot be floated.
The shutdown threshold voltage is specified with respect
to the voltage on the DGND pin.
V+: Positive Power Supply. A bypass capacitor should be
used between supply pins and ground. Additional bypass
capacitance may be used between the power supply pins.
SIMPLIFIED SCHEMATIC
60231 SS
+IN
V+
–IN
6k
6k
OUT
EN
2M
2M
LT6023-1 ONLY
DGND
V–
LOAD
CLASS AB
DRIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com