Electronic Components Datasheet Search
  English  ▼

X  

LT6004 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6004
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6004 Datasheet HTML 4Page - Linear Technology LT6004 Datasheet HTML 5Page - Linear Technology LT6004 Datasheet HTML 6Page - Linear Technology LT6004 Datasheet HTML 7Page - Linear Technology LT6004 Datasheet HTML 8Page - Linear Technology LT6004 Datasheet HTML 9Page - Linear Technology LT6004 Datasheet HTML 10Page - Linear Technology LT6004 Datasheet HTML 11Page - Linear Technology LT6004 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LT6023/LT6023-1
8
60231fa
For more information www.linear.com/LT6023
TYPICAL PERFORMANCE CHARACTERISTICS
Slew Rate vs Temperature
(5V Step)
Slew Rate vs Temperature
(10V Step)
TA = 25°C, VS = ±15V, RL = 100kΩ, unless
otherwise specified.
Slew Rate vs Input Step
TEMPERATURE (°C)
–50
1
0.75
0.5
0.25
0
25
75
6023 G15
125
–25
0
100
50
FALLING EDGE
RISING EDGE
Input Bias Current vs
Temperature
Input Bias Current vs Differential
Input Voltage
0.1Hz to 10Hz Voltage Noise
Voltage Noise Density vs
Frequency
Large-Signal Transient Response
(5V Step)
Maximum Undistorted Output
Amplitude vs Frequency
TEMPERATURE (°C)
–50
4
3
2
1
0
–1
25
75
6023 G09
125
–25
0
100
50
1µV/DIV
1s/DIV
6023 G11
FREQUENCY (Hz)
6023 G12
1000
100
10
0.01
0.1
1
1k
10k
100
10
VS = ±5V
2V/DIV
50µs/DIV
6023 G14
10V STEP
AV = 1
5V STEP
TEMPERATURE (°C)
–50
2
1.5
1
0.5
0
25
75
6023 G16
125
–25
0
100
50
FALLING EDGE
RISING EDGE
INPUT STEP SIZE (VP–P)
0
3.5
3
2.5
2
1.5
1
0.5
0
15
25
6023 G17
30
5
10
20
FALLING EDGE
RISING EDGE
IB–
IB+
DIFFERENTIAL INPUT VOLTAGE (V)
6
4
2
0
–2
–4
–6
–1
–0.75
–0.5
–0.25
0
0.25
0.5
0.75
1
6023 G10
FREQUENCY (kHz)
6023 G13
35
30
25
20
15
5
10
0
0.1
1
10
THD < 40dBc
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com