Electronic Components Datasheet Search
  English  ▼

X  

LT6004 Datasheet(PDF) 22 Page - Linear Technology

Part # LT6004
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT6004 Datasheet HTML 14Page - Linear Technology LT6004 Datasheet HTML 15Page - Linear Technology LT6004 Datasheet HTML 16Page - Linear Technology LT6004 Datasheet HTML 17Page - Linear Technology LT6004 Datasheet HTML 18Page - Linear Technology LT6004 Datasheet HTML 19Page - Linear Technology LT6004 Datasheet HTML 20Page - Linear Technology LT6004 Datasheet HTML 21Page - Linear Technology LT6004 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LT6023/LT6023-1
22
60231fa
For more information www.linear.com/LT6023
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2015
LT 0415 REV A • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT6023
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT6004
2kHz, 1µA RRIO Op Amp
VOS: 500µV, GBW: 2kHz, SR: 0.8V/ms, en: 325nV/√Hz, Is: 1µA
LT1490A
200kHz, 50µA RRIO Op Amp
VOS: 500µV, GBW: 200kHz, SR: 0.06V/µs, en: 50nV/√Hz, Is: 50µA
LTC6256
6.5MHz, 65µA RRIO Op Amp
VOS: 350µV, GBW: 6.5MHz, SR: 1.8V/µs, en: 20nV/√Hz, Is: 65µA
LT6020
400kHz, 100µA, 5V/µs Op Amp
VOS: 30µV, GBW: 400kHz, SR: 5V/µs, en: 46nV/√Hz, Is: 100µA
LTC2055
500kHz, 150µA Zero-Drift Op Amp
VOS: 3µV, GBW: 500kHz, SR: 0.5V/µs, Is: 150µA
LT1783
1.2MHz, 230µA Over-The-Top RRIO Op Amp
VOS: 600µV, GBW: 1.2MHz, SR: 0.4V/µs, en: 20nV/√Hz, Is: 230µA
LT1352
3MHz. 200V/µs Op Amp
VOS: 600µV, GBW: 3MHz, SR: 200V/µs, en: 14nV/√Hz, Is: 330µA
LT1492
5MHz, 3V/µs Op Amp
VOS: 180µV, GBW: 5MHz, SR: 3V/µs, en: 16.5nV/√Hz, Is: 550µA
LTC5800
SmartMesh® Wireless Sensor Network IC
Wireless Mesh Networks
LT5400
Quad Matched Resistor Network
0.01% Matching
16-Bit DAC with ±10V Output Swing
20V Output Step Response
Improved Load Drive Capability
Gain of 11 Instrumentation Amplifier
60231 TA03b
V+
VOUT
V–
VIN
LT6023
1k
2N3904
2N3906
60231 TA03d
5V/DIV
200µs/DIV
VOUT
60231 TA03c
VOUT
GND
REF
VDD
LTC2642
1µF
RFB
INV
16-BIT DAC
CONTROL
LOGIC
CS
DIN
CLR
SCLK
16-BIT DATA LATCH
16-BIT SHIFT REGISTER
0.1µF
3.8VDC TO 5.5VDC
0.1µF
15V
–15V
LT5400-2
100k MATCHED
RESISTOR NETWORK
–
+
1/2 LT6023
1/2 LT6023
VOUT
POWER-ON
RESET
LTC6652-2.5
IN
OUT
GND
60231 TA03a
VINM
R1 TO R4: FOR HIGH DC CMRR USE LT5400-3
VINP
1/2 LT6023
1/2 LT6023
R1, 100k
–3dB BW = 6kHz
R2, 10k
VOUT
R3, 10k
R4, 100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com