Electronic Components Datasheet Search
  English  ▼

X  

HMC7950LS6 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC7950LS6
Description  MMIC Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7950LS6 Datasheet(HTML) 3 Page - Analog Devices

  HMC7950LS6 Datasheet HTML 1Page - Analog Devices HMC7950LS6 Datasheet HTML 2Page - Analog Devices HMC7950LS6 Datasheet HTML 3Page - Analog Devices HMC7950LS6 Datasheet HTML 4Page - Analog Devices HMC7950LS6 Datasheet HTML 5Page - Analog Devices HMC7950LS6 Datasheet HTML 6Page - Analog Devices HMC7950LS6 Datasheet HTML 7Page - Analog Devices HMC7950LS6 Datasheet HTML 8Page - Analog Devices HMC7950LS6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
HMC7950
Rev. A | Page 3 of 16
SPECIFICATIONS
2 GHz TO 5 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, VGG2 = open, unless otherwise stated. When using VGG2, it is recommended to limit VGG2 from −2 V to +2.6 V.
POUT is output power.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
2
5
GHz
GAIN
13.5
15.5
dB
Gain Variation Over Temperature
0.004
dB/°C
RETURN LOSS
Input
12
dB
Output
13
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
13
16.5
dBm
Saturated Output Power
PSAT
20.5
dBm
Output Third-Order Intercept
IP3
Measurement taken at POUT/tone = 4 dBm
26.5
dBm
NOISE FIGURE
NF
3.0
4.5
dB
5 GHz TO 18 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, VGG2 = open, unless otherwise stated. When using VGG2, it is recommended to limit VGG2 from −2 V to +2.6 V.
POUT is output power.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
5
18
GHz
GAIN
13.3
15
dB
Gain Variation Over Temperature
0.007
dB/°C
RETURN LOSS
Input
18
dB
Output
14
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
13
16
dBm
Saturated Output Power
PSAT
19.5
dBm
Output Third-Order Intercept
IP3
Measurement taken at POUT/tone = 4 dBm
26
dBm
NOISE FIGURE
NF
2.0
3.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com