Electronic Components Datasheet Search
  English  ▼

X  

HMC7950LS6 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC7950LS6
Description  MMIC Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7950LS6 Datasheet(HTML) 1 Page - Analog Devices

  HMC7950LS6 Datasheet HTML 1Page - Analog Devices HMC7950LS6 Datasheet HTML 2Page - Analog Devices HMC7950LS6 Datasheet HTML 3Page - Analog Devices HMC7950LS6 Datasheet HTML 4Page - Analog Devices HMC7950LS6 Datasheet HTML 5Page - Analog Devices HMC7950LS6 Datasheet HTML 6Page - Analog Devices HMC7950LS6 Datasheet HTML 7Page - Analog Devices HMC7950LS6 Datasheet HTML 8Page - Analog Devices HMC7950LS6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2 GHz to 28 GHz, GaAs
pHEMT MMIC Low Noise Amplifier
Data Sheet
HMC7950
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output power for 1 dB compression (P1dB): 16 dBm typical
Saturated output power (PSAT): 19.5 dBm typical
Gain: 15 dB typical
Noise figure: 2.0 dB typical
Output third-order intercept (IP3): 26 dBm typical
Supply voltage: 5 V at 64 mA
50 Ω matched input/output
APPLICATIONS
Test instrumentation
Military and space
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The HMC7950 is a gallium arsenide (GaAs), pseudomorphic
high electron mobility transistor (pHEMT), monolithic microwave
integrated circuit (MMIC). The HMC7950 is a wideband low
noise amplifier that operates between 2 GHz and 28 GHz. The
amplifier typically provides 15 dB of gain, 2.0 dB of noise figure,
26 dBm of output IP3, and 16 dBm of output power for 1 dB gain
compression, requiring 64 mA from a 5 V supply. The HMC7950
is self biased with only a single positive supply needed to
achieve a drain current, IDD, of 64 mA. The HMC7950 also has a
gain control option, VGG2. The HMC7950 amplifier input/outputs
are internally matched to 50 Ω and dc blocked. It comes in a
6 mm × 6 mm, 16-terminal LCC SMT ceramic package that is
easy to handle and assemble.
PACKAGE
BASE
GND
VDD
1
2
3
11
10
9
NIC
HMC7950
NIC
NIC
NIC
NIC


Similar Part No. - HMC7950LS6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC795LP5E HITTITE-HMC795LP5E Datasheet
1Mb / 30P
SiGe Wideband Direct Quadrature Modulator w/ vga, 50 - 2800 MHz
More results

Similar Description - HMC7950LS6

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PMA-5452+ MINI-PMA-5452+ Datasheet
155Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5456+ MINI-PMA-5456+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5453 MINI-PSA-5453_11 Datasheet
191Kb / 1P
Ultra Low Noise MMIC Amplifier
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_15 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_16 Datasheet
975Kb / 5P
Low Noise GaAs MMIC Amplifier
logo
Analog Devices
HMC753 AD-HMC753_17 Datasheet
282Kb / 13P
MMIC Low Noise Amplifier
Nov-2017
HMC903LP3E AD-HMC903LP3E Datasheet
281Kb / 13P
MMIC, Low Noise Amplifier
Feb-2018
HMC8400 AD-HMC8400 Datasheet
312Kb / 15P
MMIC Low Noise Amplifier
May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com