Electronic Components Datasheet Search
  English  ▼

X  

HMC7950LS6 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC7950LS6
Description  MMIC Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7950LS6 Datasheet(HTML) 4 Page - Analog Devices

  HMC7950LS6 Datasheet HTML 1Page - Analog Devices HMC7950LS6 Datasheet HTML 2Page - Analog Devices HMC7950LS6 Datasheet HTML 3Page - Analog Devices HMC7950LS6 Datasheet HTML 4Page - Analog Devices HMC7950LS6 Datasheet HTML 5Page - Analog Devices HMC7950LS6 Datasheet HTML 6Page - Analog Devices HMC7950LS6 Datasheet HTML 7Page - Analog Devices HMC7950LS6 Datasheet HTML 8Page - Analog Devices HMC7950LS6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HMC7950
Data Sheet
Rev. A | Page 4 of 16
18 GHz TO 28 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, VGG2 = open, unless otherwise stated. When using VGG2, it is recommended to limit VGG2 from −2 V to +2.6 V. POUT
is output power.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
18
28
GHz
GAIN
13
16.5
dB
Gain Variation over Temperature
0.012
dB/°C
RETURN LOSS
Input
19
dB
Output
16
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
10
14.5
dBm
Saturated Output Power
PSAT
17
dBm
Output Third-Order Intercept
IP3
Measurement taken at POUT/tone = 4 dBm
24
dBm
NOISE FIGURE
NF
2.8
5
dB
DC SPECIFICATIONS
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY CURRENT
Total Supply Current
IDD
64
100
mA
Total Supply Current vs. VDD
IDD = 58 mA
3
V
IDD = 61 mA
4
V
IDD = 64 mA
5
V
IDD = 66 mA
6
V
IDD = 69 mA
7
V
SUPPLY VOLTAGE
VDD
3
5
7
V
VGG2 PIN
VGG2
Normal condition is VGG2 = open
−2.0
2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com