Electronic Components Datasheet Search
  English  ▼

X  

HMC7950LS6 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC7950LS6
Description  MMIC Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7950LS6 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC7950LS6 Datasheet HTML 4Page - Analog Devices HMC7950LS6 Datasheet HTML 5Page - Analog Devices HMC7950LS6 Datasheet HTML 6Page - Analog Devices HMC7950LS6 Datasheet HTML 7Page - Analog Devices HMC7950LS6 Datasheet HTML 8Page - Analog Devices HMC7950LS6 Datasheet HTML 9Page - Analog Devices HMC7950LS6 Datasheet HTML 10Page - Analog Devices HMC7950LS6 Datasheet HTML 11Page - Analog Devices HMC7950LS6 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HMC7950
Data Sheet
Rev. A | Page 8 of 16
Figure 14. PSAT vs. Frequency at Various Temperatures
Figure 15. PSAT vs. Frequency at Various Supply Voltages
Figure 16. Output IP3 vs. Frequency at Various Supply Voltages
POUT/Tone = 4 dBm
Figure 17. P1dB vs. Frequency at Various Supply Voltages
Figure 18. Output IP3 vs. Frequency at Various Temperatures,
POUT/Tone = 4 dBm
Figure 19. Output Third-Order Intermodulation Distortion (IMD3) vs.
POUT/Tone at Various Frequencies, VDD = 4 V
11
12
13
14
15
16
17
18
19
20
21
22
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
FREQUENCY (GHz)
–40°C
+25°C
+85°C
12
13
14
15
16
17
18
19
20
21
22
23
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
FREQUENCY (GHz)
4V
5V
6V
18
20
22
24
26
28
30
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
FREQUENCY (dBm)
4V
5V
6V
8
9
10
11
12
13
14
15
16
17
18
19
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
FREQUENCY (GHz)
4V
5V
6V
18
20
22
24
26
28
30
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
FREQUENCY (dBm)
–40°C
+25°C
+85°C
20
30
40
50
60
0
1
2
3
4
5
6
7
8
POUT/TONE (dBm)
4GHz
10GHz
16GHz
22GHz
28GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com