Electronic Components Datasheet Search
  English  ▼

X  

HMC7950LS6 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC7950LS6
Description  MMIC Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7950LS6 Datasheet(HTML) 5 Page - Analog Devices

  HMC7950LS6 Datasheet HTML 1Page - Analog Devices HMC7950LS6 Datasheet HTML 2Page - Analog Devices HMC7950LS6 Datasheet HTML 3Page - Analog Devices HMC7950LS6 Datasheet HTML 4Page - Analog Devices HMC7950LS6 Datasheet HTML 5Page - Analog Devices HMC7950LS6 Datasheet HTML 6Page - Analog Devices HMC7950LS6 Datasheet HTML 7Page - Analog Devices HMC7950LS6 Datasheet HTML 8Page - Analog Devices HMC7950LS6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
HMC7950
Rev. A | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage (VDD)
8 V
Second Gate Bias Voltage (VGG2)
−2.5 V to +3 V
Radio Frequency Input Power (RFIN)
20 dBm
Channel Temperature
175°C
Continuous Power Dissipation (PDISS),
TA = 85°C (Derate 17.2 mW/°C Above 85°C)
1.55 W
Maximum Peak Reflow Temperature (MSL3)1
260°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
ESD Sensitivity, Human Body Model (HBM)
250 V (Class 1A)
1
See the Ordering Guide section for more information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the junction to case thermal resistance.
Table 6. Thermal Resistance
Package Type
θJC
Unit
EP-16-21
58
°C/W
1
Channel to ground pad. See JEDEC Standard JESD51-2 for additional
information on optimizing the thermal impedance
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com