Electronic Components Datasheet Search
  English  ▼

X  

HMC7950LS6 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC7950LS6
Description  MMIC Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7950LS6 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC7950LS6 Datasheet HTML 3Page - Analog Devices HMC7950LS6 Datasheet HTML 4Page - Analog Devices HMC7950LS6 Datasheet HTML 5Page - Analog Devices HMC7950LS6 Datasheet HTML 6Page - Analog Devices HMC7950LS6 Datasheet HTML 7Page - Analog Devices HMC7950LS6 Datasheet HTML 8Page - Analog Devices HMC7950LS6 Datasheet HTML 9Page - Analog Devices HMC7950LS6 Datasheet HTML 10Page - Analog Devices HMC7950LS6 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
HMC7950
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Response (Gain and Return Loss) vs. Frequency
Figure 9. Input Return Loss vs. Frequency at Various Temperatures
Figure 10. Noise Figure vs. Frequency at Various Temperatures
Figure 11. Gain vs. Frequency at Various Temperatures
Figure 12. Output Return Loss vs. Frequency at Various Temperatures
Figure 13. P1dB vs. Frequency at Various Temperatures
–25
–20
–15
–10
–5
0
5
10
15
20
0
5
10
15
20
25
30
35
FREQUENCY (GHz)
S21
S11
S22
–25
–20
–15
–10
–5
0
2
6
10
14
18
22
26
30
FREQUENCY (GHz)
–40°C
+25°C
+85°C
0
1
2
3
4
5
6
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
FREQUENCY (GHz)
–40°C
+25°C
+85°C
8
10
12
14
16
18
20
2
6
10
14
18
22
26
30
FREQUENCY (GHz)
–40°C
+25°C
+85°C
–25
–20
–15
–10
–5
0
2
6
10
14
18
22
26
30
FREQUENCY (GHz)
–40°C
+25°C
+85°C
8
9
10
11
12
13
14
15
16
17
18
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
FREQUENCY (GHz)
–40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com