Electronic Components Datasheet Search
  English  ▼

X  

ISL6526AEVAL2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6526AEVAL2
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6526AEVAL2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6526AEVAL2 Datasheet HTML 3Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 4Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 5Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 6Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 7Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 8Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 9Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 10Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISL6526, ISL6526A
FN9055 Rev 12.00
Page 7 of 18
Sep 30, 2015
Functional Pin Descriptions
14 LD SOIC
TOP VIEW
16 LD 5X5 QFN
TOP VIEW
VCC
This pin provides the bias supply for the ISL6526, ISL6526A.
Connect a well-decoupled 3.3V supply to this pin.
COMP and FB
COMP and FB are the available external pins of the error
amplifier. The FB pin is the inverting input of the internal
error amplifier and the COMP pin is the error amplifier
output. These pins are used to compensate the voltage
control feedback loop of the converter.
GND
This pin represents the signal and power ground for the IC.
Tie this pin to the ground island/plane through the lowest
impedance connection available.
PHASE
Connect this pin to the upper MOSFET’s source. This pin is
used to monitor the voltage drop across the upper MOSFET
for overcurrent protection.
UGATE
Connect this pin to the upper MOSFET’s gate. This pin
provides the PWM-controlled gate drive for the upper
MOSFET. This pin is also monitored by the adaptive
shoot-through protection circuitry to determine when the
upper MOSFET has turned off.
BOOT
This pin provides ground referenced bias voltage to the
upper MOSFET driver. A bootstrap circuit is used to create a
voltage suitable to drive a logic-level N-Channel MOSFET.
LGATE
Connect this pin to the lower MOSFET’s gate. This pin provides
the PWM-controlled gate drive for the lower MOSFET. This pin
is also monitored by the adaptive shoot-through protection
circuitry to determine when the lower MOSFET has turned off.
GATE DRIVERS
Upper Gate Source Current
IUGATE-SRC VBOOT - VPHASE = 5V, VUGATE = 4V
-
-1
-
A
Upper Gate Sink Current
IUGATE-SNK
-1-
A
Lower Gate Source Current
ILGATE-SRC VVCC = 3.3V, VLGATE = 4V
-
-1
-
A
Lower Gate Sink Current
ILGATE-SNK
-2-
A
PROTECTION/DISABLE
OCSET Current Source
IOCSET
Commercial
182022
µA
Industrial
16
20
22
µA
Disable Threshold
VDISABLE
--
0.8
V
NOTE:
7. Limits should be considered typical and are not production tested.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted VCC = 3.3V ±5% and TA = +25°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
12
14
13
4
3
2
1
LGATE
CPVOUT
UGATE
PHASE
VCC
BOOT
GND
CT1
11
7
6
5
9
8
10
CT2
OCSET
FB
CPGND
ENABLE
COMP
1
3
4
15
CPVOUT
CT1
CT2
OCSET
16
14
13
2
12
10
9
11
6
57
8
PHASE
VCC
CPGND
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com