Electronic Components Datasheet Search
  English  ▼

X  

ISL6526AEVAL2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6526AEVAL2
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6526AEVAL2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6526AEVAL2 Datasheet HTML 1Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 2Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 3Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 4Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 5Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 6Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 7Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 8Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN9055 Rev 12.00
Page 1 of 18
Sep 30, 2015
FN9055
Rev 12.00
Sep 30, 2015
ISL6526, ISL6526A
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
DATASHEET
The ISL6526, ISL6526A make simple work out of
implementing a complete control and protection scheme for
a DC/DC stepdown converter. Designed to drive N-Channel
MOSFETs in a synchronous buck topology, the ISL6526,
ISL6526A integrate the control, output adjustment,
monitoring and protection functions into a single package.
The ISL6526, ISL6526A provide simple, single feedback
loop, voltage-mode control with fast transient response. The
output voltage can be precisely regulated to as low as 0.8V,
with a maximum tolerance of ±1.5% over-temperature and
line voltage variations. A fixed frequency oscillator reduces
design complexity, while balancing typical application cost
and efficiency.
The error amplifier features a 15MHz gain-bandwidth
product and 6V/µs slew rate which enables high converter
bandwidth for fast transient performance. The resulting
PWM duty cycles range from 0% to 100%.
Protection from overcurrent conditions is provided by
monitoring the rDS(ON) of the upper MOSFET to inhibit PWM
operation appropriately. This approach simplifies the
implementation and improves efficiency by eliminating the
need for a current sense resistor.
Features
• Operates from 3.3V to 5V Input
• 0.8V to VIN Output Range
- 0.8V Internal Reference
- ±1.5% Over Load, Line Voltage and Temperature
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Cycle
• Lossless, Programmable Overcurrent Protection
- Uses Upper MOSFET’s rDS(on)
• Converter can Source and Sink Current
• Small Converter Size
- Internal Fixed Frequency Oscillator
- ISL6526: 300kHz
- ISL6526A: 600kHz
• Internal Soft-Start
• 14 Ld SOIC or 16 Ld 5x5 QFN
• QFN Package:
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Package Outline
- Near Chip Scale Package Footprint, which Improves
PCB Efficiency and has a Thinner Profile
• Pb-Free (RoHS Compliant)
Applications
• Power Supplies for Microprocessors
-PCs
- Embedded Controllers
• Subsystem Power Supplies
- PCI/AGP/GTL+ Buses
- ACPI Power Control
- DDR SDRAM Bus Termination Supply
• Cable Modems, Set-Top Boxes, and DSL Modems
• DSP and Core Communications Processor Supplies
• Memory Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 3.3V-Input DC/DC Regulators
• Low-Voltage Distributed Power Supplies
NOT RECOMMENDED FOR NEW DESIGNS
RECOMMENDED REPLACEMENT PART
ISL8105


Similar Part No. - ISL6526AEVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6526AEVAL2 INTERSIL-ISL6526AEVAL2 Datasheet
338Kb / 15P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
March 20, 2007
ISL6526AEVAL2 INTERSIL-ISL6526AEVAL2 Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
ISL6526AEVAL2 INTERSIL-ISL6526AEVAL2 Datasheet
447Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
More results

Similar Description - ISL6526AEVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 18, 2008
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
logo
Renesas Technology Corp
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com