Electronic Components Datasheet Search
  English  ▼

X  

ISL6526AEVAL2 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6526AEVAL2
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6526AEVAL2 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6526AEVAL2 Datasheet HTML 6Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 7Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 8Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 9Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 10Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 11Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 12Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 13Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL6526, ISL6526A
FN9055 Rev 12.00
Page 10 of 18
Sep 30, 2015
Current Sinking
The ISL6526, ISL6526A incorporate a MOSFET shoot-through
protection method which allows a converter to sink current as
well as source current. Care should be exercised when
designing a converter with the ISL6526, ISL6526A when it is
known that the converter may sink current.
When the converter is sinking current, it is behaving as a
boost converter that is regulating its input voltage. This
means that the converter is boosting current into the input
rail of the regulator. If there is nowhere for this current to go,
(such as to other distributed loads on the rail or through a
voltage limiting protection device), the capacitance on this
rail will absorb the current. This situation will allow the
voltage level of the input rail to increase. If the voltage level
of the rail is boosted to a level that exceeds the maximum
voltage rating of any components attached to the input rail,
then those components may experience an irreversible
failure or experience stress that may shorten their lifespan.
Ensuring that there is a path for the current to flow other than
the capacitance on the rail will prevent this failure mode.
Application Guidelines
Layout Considerations
Layout is very important in high frequency switching
converter design. With power devices switching efficiently at
300kHz or 600kHz, the resulting current transitions from one
device to another cause voltage spikes across the
interconnecting impedances and parasitic circuit elements.
These voltage spikes can degrade efficiency, radiate noise
into the circuit, and lead to device overvoltage stress.
Careful component layout and printed circuit board design
minimize the voltage spikes in the converters.
As an example, consider the turn-off transition of the PWM
MOSFET. Prior to turn-off, the MOSFET is carrying the full load
current. During turn-off, current stops flowing in the MOSFET
and is picked up by the lower MOSFET. Any parasitic
inductance in the switched current path generates a large
voltage spike during the switching interval. Careful component
selection, tight layout of the critical components, and short, wide
traces minimize the magnitude of voltage spikes.
There are two sets of critical components in a DC/DC
converter using the ISL6526, ISL6526A. The switching
components are the most critical because they switch large
amounts of energy, and therefore tend to generate large
amounts of noise. Next are the small signal components
which connect to sensitive nodes or supply critical bypass
current and signal coupling.
A multi-layer printed circuit board is recommended. Figure 4
shows the connections of the critical components in the
converter. Note that capacitors CIN and COUT could each
represent numerous physical capacitors. Dedicate one solid
layer (usually a middle layer of the PC board) for a ground
plane and make all critical component ground connections
with vias to this layer. Dedicate another solid layer as a
power plane and break this plane into smaller islands of
common voltage levels. Keep the metal runs from the
PHASE terminals to the output inductor short. The power
plane should support the input power and output power
nodes. Use copper filled polygons on the top and bottom
circuit layers for the phase nodes. Use the remaining printed
circuit layers for small signal wiring. The wiring traces from
the GATE pins to the MOSFET gates should be kept short
and wide enough to easily handle the 1A of drive current.
The switching components should be placed close to the
ISL6526, ISL6526A first. Minimize the length of the connections
between the input capacitors, CIN, and the power switches by
placing them nearby. Position both the ceramic and bulk input
capacitors as close to the upper MOSFET drain as possible.
Position the output inductor and output capacitors between the
upper MOSFET and lower MOSFET and the load.
The critical small signal components include any bypass
capacitors, feedback components, and compensation
components. Position the bypass capacitor, CBP, close to
the VCC pin with a via directly to the ground plane. Place the
PWM converter compensation components close to the FB
VOUT
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT
COUT
CIN
+3.3V VIN
KEY
COMP
ISL6526, ISL6526A
UGATE
R4
R2
CBP
FB
GND
CPVOUT
FIGURE 4. PRINTED CIRCUIT BOARD POWER PLANES
AND ISLANDS
R1
BOOT
C2
VIA CONNECTION TO GROUND PLANE
Q1
CBOOT
PHASE
D1
R3
C3
C1
Q2
LGATE
PHASE
VCC
CVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com