Electronic Components Datasheet Search
  English  ▼

X  

ISL6526AEVAL2 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6526AEVAL2
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6526AEVAL2 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6526AEVAL2 Datasheet HTML 7Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 8Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 9Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 10Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 11Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 12Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 13Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 14Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL6526, ISL6526A
FN9055 Rev 12.00
Page 11 of 18
Sep 30, 2015
and COMP pins. The feedback resistors for both regulators
should also be located as close as possible to the relevant
FB pin with vias tied straight to the ground plane as required.
Feedback Compensation
Figure 5 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the Reference voltage level. The
error amplifier (Error Amp) output (VE/A) is compared with
the oscillator (OSC) triangular wave to provide a pulse
width modulated (PWM) wave with an amplitude of VIN at
the PHASE node. The PWM wave is smoothed by the output
filter (LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain and the output filter (LO and CO), with a double pole
break frequency at fLC and a zero at fESR. The DC Gain of
the modulator is simply the input voltage (VIN) divided by the
peak-to-peak oscillator voltage
VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the ISL6526, ISL6526A) and the impedance
networks ZIN and ZFB. The goal of the compensation
network is to provide a closed loop transfer function with the
highest 0dB crossing frequency (f0dB) and adequate phase
margin. Phase margin is the difference between the closed
loop phase at f0dB and 180°. Equations 6, 7, 8 and 9 relate
the compensation network’s poles, zeros and gain to the
components (R1, R2, R3, C1, C2, and C3) in Figure 5. Use
these guidelines for locating the poles and zeros of the
compensation network:
1. Pick gain (R2/R1) for desired converter bandwidth.
2. Place first zero below filter’s double pole (~75% fLC).
3. Place second zero at filter’s double pole.
4. Place first pole at the ESR zero.
5. Place second pole at half the switching frequency.
6. Check gain against error amplifier’s open-loop gain.
7. Estimate phase margin - repeat if necessary.
Compensation Break Frequency Equations
Figure 6 shows an asymptotic plot of the DC/DC converter’s
gain vs frequency. The actual Modulator Gain has a high gain
peak due to the high Q factor of the output filter and is not
shown in Figure 6. Using the previously mentioned guidelines
should give a Compensation Gain similar to the curve plotted.
The open loop error amplifier gain bounds the compensation
gain. Check the compensation gain at fP2 with the capabilities
of the error amplifier. The Closed Loop Gain is constructed on
the graph of Figure 6 by adding the Modulator Gain (in dB) to
the Compensation Gain (in dB). This is equivalent to
multiplying the modulator transfer function to the
compensation transfer function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than
45°. Include worst case component variations when
determining phase margin.
FIGURE 5. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
REFERENCE
LO
CO
ESR
VIN
VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
REFERENCE
R1
R3
R2
C3
C1
C2
COMP
VOUT
FB
ZFB
ISL6526, ISL6526A
ZIN
COMPARATOR
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
OSC
fLC
1
2
 x L
O x CO
------------------------------------------
=
(EQ. 4)
fESR
1
2
 x ESR x C
O
-------------------------------------------
=
(EQ. 5)
fZ1
1
2
 R
2
C2
----------------------------------
=
(EQ. 6)
fZ2
1
2
 x R
1
R3
+
 x C
3
-------------------------------------------------------
=
(EQ. 7)
fP1
1
2
 x R
2 x
C1 x C2
C1 C2
+
----------------------



---------------------------------------------------------
=
(EQ. 8)
fP2
1
2
 x R
3 x C3
------------------------------------
=
(EQ. 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com