Electronic Components Datasheet Search
  English  ▼

X  

ISL6526AEVAL2 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6526AEVAL2
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6526AEVAL2 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6526AEVAL2 Datasheet HTML 10Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 11Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 12Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 13Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 14Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 15Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 16Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 17Page - Renesas Technology Corp ISL6526AEVAL2 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ISL6526, ISL6526A
FN9055 Rev 12.00
Page 14 of 18
Sep 30, 2015
Just after the PWM switching cycle begins and the charge
transfer from the bootstrap capacitor to the gate capacitance is
complete, the voltage on the bootstrap capacitor is at its lowest
point during the switching cycle. The charge lost on the
bootstrap capacitor will be equal to the charge transferred to
the equivalent gate-source capacitance of the upper MOSFET
as shown in Equation 18:
where QGATE is the maximum total gate charge of the upper
MOSFET, CBOOT is the bootstrap capacitance, VBOOT1 is the
bootstrap voltage immediately before turn-on, and VBOOT2 is
the bootstrap voltage immediately after turn-on.
The bootstrap capacitor begins its refresh cycle when the gate
drive begins to turn-off the upper MOSFET. A refresh cycle ends
when the upper MOSFET is turned on again, which varies
depending on the switching frequency and duty cycle.
The minimum bootstrap capacitance can be calculated by
rearranging the previous equation and solving for CBOOT.
Typical gate charge values for MOSFETs considered in these
types of applications range from 20 to 100nC. Since the
voltage drop across QLOWER is negligible, VBOOT1 is simply
VCPVOUT - VD. A Schottky diode is recommended to minimize
the voltage drop across the bootstrap capacitor during the on-
time of the upper MOSFET. Initial calculations with VBOOT2 no
less than 4V will quickly help narrow the bootstrap capacitor
range.
For example, consider an upper MOSFET is chosen with a
maximum gate charge, Qg, of 100nC. Limiting the voltage drop
across the bootstrap capacitor to 1V results in a value of no
less than 0.1µF. The tolerance of the ceramic capacitor should
also be considered when selecting the final bootstrap
capacitance value.
A fast recovery diode is recommended when selecting a
bootstrap diode to reduce the impact of reverse recovery
charge loss. Otherwise, the recovery charge, QRR, would have
to be added to the gate charge of the MOSFET and taken into
consideration when calculating the minimum bootstrap
capacitance.
ISL6526, ISL6526A DC/DC Converter
Application Circuit
Figure 8 shows an application circuit of a DC/DC Converter.
Detailed information on the circuit, including a complete Bill of
Materials and circuit board description, can be found in
Application Note AN1021:
http://www.intersil.com/data/an/an1021.pdf.
QGATE
CBOOT VBOOT1 VBOOT2
–

=
(EQ. 18)
CBOOT
QGATE
VBOOT1 V
–
BOOT2
-----------------------------------------------------
=
(EQ. 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com